Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20AM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR20AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20AM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR20AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
0
20
40
60
80
100
120
140
160
0
5
10
15
20
ALL FINS ARE BLACK PAINTED
ALUMINUM AND GREASED
NATURAL CONVECTION
100 100 t2.3
160 160 t2.3
60 60 t2.3
0
20
40
60
80
100
120
140
160
0
0.8
1.6
2.4
3.2
0.4
1.2
2.0
2.8
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
102
103
2
3
5
7
104
2
3
5
7
105
2
3
5
7
–60
–20
20
60
100
140
–40
0
40
80
120
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
101
102
2
3
4
5
7
103
2
3
4
5
7
–60 –40
0
40
80
120
–20
20
60
100
140
TYPICAL EXAMPLE
IH(typ) = 20mA
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
–60
–20
20
60
100
140
–40
0
40
80
120
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G+
T2
– , G–
TYPICAL
EXAMPLE
T2
+, G–
TYPICAL
EXAMPLE
DISTRIBUTION
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
0
20
40
60
80
100
120
140
160
–60 –40
0
40
80
120
–20
20
60
100
140



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com