Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP022 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP022
Description  Low Cost Iron Safety Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MP022 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP022 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP022 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 Microchip Technology Inc.
DS40160A/3_022-page 3-15
Microchip Technology Incorporated, has been granted a nonexclusive, worldwide license to reproduce, publish and distribute all submitted materials, in
either original or edited form. The author has affirmed that this work is an original, unpublished work and that he/she owns all rights to such work. All
property rights, such as patents, copyrights and trademarks remain with the author.
Low Cost Iron Safety Timer
INTRODUCTION
Clothes irons and curling irons are high powered appli-
ances that can start house fires. Many times after leav-
ing for work you forget if you shut-off or unplug the
dangerous appliances. This timer will allow the appli-
ance to have power for only a fixed amount of time
(without motion/use). Then it will shut-off power. A reset
switch will restart the appliance.
FIGURE 1:
FLOWCHART
FIGURE 2:
SCHEMATIC
Author:
Jason Wolfson
Lipider Corp.
Duxbury ,MA
USA
email: jason@ultrnet.com
Decrement time
Time-out?
Power-up
Turn on Triac
Turn off
Check switch?
No
Yes
No
Yes
Zero Detect?
No
Yes
PIC12C508
Load
Vcc
GP2/TOCKI
GP3
GP1
SIMPLECIRCUIT™


Similar Part No. - MP022

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02229 GOLLEDGE-MP02229 Datasheet
92Kb / 5P
SAW Filter 403.50MHz
MP02233 GOLLEDGE-MP02233 Datasheet
67Kb / 4P
SAW Filter 228.1MHz
MP02237 GOLLEDGE-MP02237 Datasheet
193Kb / 7P
SAW Filter 61.380MHz
MP02248 GOLLEDGE-MP02248 Datasheet
71Kb / 6P
SAW Filter 866MHz
MP02260 GOLLEDGE-MP02260 Datasheet
112Kb / 5P
SAW Filter 340.0MHz
More results

Similar Description - MP022

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC618 SEMTECH-SC618 Datasheet
197Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
SC617 SEMTECH-SC617 Datasheet
208Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
logo
Semtech Corporation
SC618 SEMTECH-SC618_08 Datasheet
203Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
SC619 SEMTECH-SC619_08 Datasheet
211Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Eutech Microelectronics...
EUP3618 EUTECH-EUP3618 Datasheet
369Kb / 1P
Charge Pump Flash LED Driver with Safety Timer
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com