Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10100CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CD10100CT
Description  High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CD10100CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CD10100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CD10100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CD10100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
CD10100CT
Chip Integration Technology Corporation
High Voltage Power Rectifier
Fig.4 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Case Temperature ( C)
24
20
16
12
8.0
4.0
0.01
0.1
1
10
100
0
200
400
600
800
1000
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
T =25°C
A
T =125°C
A
T =75°C
A
T =150°C
A
T =50°C
A
T =100°C
A
Fig. 1 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage,V (mV)
F
Fig. 3 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
1
10
100
1000
0.01
0.1
1
10
100
Fig. 5 - Total Capacitance VS. reverse voltage
Reverse Voltage,V (V)
R
Document ID : DS-12KH9
Revised Date : 2016/01/08
Revision : C
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
Reverse Voltage,V (mV)
R
Fig. 2 - Reverse Characteristics
O
T =25 C
A
O
T =75 C
A
O
T =100 C
A
O
T =125 C
A
O
T =50 C
A
O
T =150 C
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com