Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10100CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CD10100CT
Description  High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CD10100CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CD10100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CD10100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CD10100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CD10100 TG.
•
C
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CD10100CT
Forward voltage drop
Reverse current
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
2.Device mounted on FR-4 substrate PC board, 1oz copper with minimum recommended pad layout.
3.Device mounted on Polymide substate, 1*MRP, 2oz, copper, PC boards.
I
O
I
F S M
T , T
J
S T G
Forward rectified current
Forward surge current
Thermal resistance(1)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CD10100CT
UNIT
-55 ~ +150
10
150
A
A
O C/W
O C
6
R
θ J C
Junction to case
Marking code
CD10100CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
100
V
RMS reverse voltage
V
R ( R M S )
70
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
10
0.1
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
560
650
700
DPAK(TO-252)
PIN 1
PIN 3
PIN 2
0.212(5.40)
0.205(5.20)
0.262(6.65)
0.250(6.35)
0.059(1.50)
0.047(1.20)
0.185(4.70)
0.177(4.50)
0.027(0.70)
0.020(0.50)
0.022(0.56)
0.018(0.46)
0.022(0.56)
0.018(0.46)
0.094(2.40)
0.087(2.20)
0.057(1.45)
0.037(0.95)
Marking code
1
3
2
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : Molded plastic, DPAK / TO-252
• Lead : Solder plated, solderable per MIL-STD-750,
Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 0.34 gram
Document ID : DS-12KH9
Revised Date : 2016/01/08
Revision : C
Chip Integration Technology Corporation
High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
2x5A
V
R R M
T
J
V
( Ty p )
100V
O
150 C
0.56V


Similar Part No. - CD10100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10 CDE-CD10 Datasheet
526Kb / 7P
Mica Capacitors, Standard Dipped
logo
Marki Microwave
CD10-0106 MARKIMICROWAVE-CD10-0106 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
CD10-0114 MARKIMICROWAVE-CD10-0114 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
logo
TDK Electronics
CD10-E2GA152MYGSA TDK-CD10-E2GA152MYGSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CD10100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CT STMICROELECTRONICS-STPS20H100CT Datasheet
87Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
May-2000
STPS30H100CW STMICROELECTRONICS-STPS30H100CW Datasheet
51Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-1999
STPS80H100CY STMICROELECTRONICS-STPS80H100CY Datasheet
100Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
logo
List of Unclassifed Man...
GMR40H100C ETC1-GMR40H100C Datasheet
326Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H200C GAMMA-GMR10H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H250C GAMMA-GMR20H250C Datasheet
130Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS8H100D STMICROELECTRONICS-STPS8H100D_02 Datasheet
139Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jan-2002
STPS61170C STMICROELECTRONICS-STPS61170C Datasheet
90Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
STPS1H100MF STMICROELECTRONICS-STPS1H100MF Datasheet
106Kb / 7P
High voltage power Schottky rectifier
15-May-2008
logo
Diodes Incorporated
MBR10100C DIODES-MBR10100C_15 Datasheet
446Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com