Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1045CS Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CF1045CS
Description  10A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF1045CS Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CF1045CS Datasheet HTML 1Page - Chip Integration Technology Corporation CF1045CS Datasheet HTML 2Page - Chip Integration Technology Corporation CF1045CS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
CF1045CS
10A Trench Schottky Rectifier
Chip Integration Technology Corporation
0.01
0.1
1
10
100
0
100
200
300
400
500
600
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 75oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 25oC
0.01
0.1
1
10
100
0
10
20
30
40
50
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 75oC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
Average Forward Current, IF (A)
Fig. 3 - Forward Power Dissipation
0
2
4
6
8
10
12
0
25
50
75
100
125
150
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
1
10
100
1000
10000
0.01
0.1
1
10
100
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
CF1045CS
10A Trench Schottky Rectifier
Document ID : DS-11KGK
Revised Date : 2016/09/22
Revision : C3
Chip Integration Technology Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com