Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1045CS Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CF1045CS
Description  10A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF1045CS Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CF1045CS Datasheet HTML 1Page - Chip Integration Technology Corporation CF1045CS Datasheet HTML 2Page - Chip Integration Technology Corporation CF1045CS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■ Ordering/Packing information
Part number
Case
CF1045CS
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
CF1045CSG
ITO-220AB
50
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
CF1045CS : Product type marking code
: CITC Logo
■ Marking information
CF1045CS
Halogen
Halogen free
■ CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
■
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
■
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
■
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
■
CITC products are not authorized for use as critical components in life support devices or systems
■
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CF1045CS
10A Trench Schottky Rectifier
Chip Integration Technology Corporation
CF1045CS
10A Trench Schottky Rectifier
Document ID : DS-11KGK
Revised Date : 2016/09/22
Revision : C3
Chip Integration Technology Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com