Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF4060CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CF4060CT
Description  40A High Power Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF4060CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CF4060CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF4060CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF4060CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
40A High Power Schottky Barrier Rectifier
CF4060CT
Chip Integration Technology Corporation
0.01
0.1
1
10
100
0
10
20
30
40
50
60
Fig. 2 - Reverse Characteristics
O
T =25 C
A
O
T =100 C
A
O
T =125 C
A
Reverse Voltage,V (V)
R
Fig.4 - Forward Current Derating Curve
(Per Diode)
0
25
50
75
100
125
150
O
Case Temperature ( C)
24
20
16
12
8
4
0
2
4
6
8
10
12
0
5
10
15
20
Fig. 3 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
Document ID : DS-11KIZ
Revised Date : 2016/04/14
Revision : C
0.01
0.1
1
10
100
0
100
200
300
400
500
600
Fig. 1 - Instantaneous Forward Characteristics
Instantaneous Forward Voltage,V (mV)
F
T =125°C
A
T =25°C
A
T =100°C
A
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
Fig. 5 - Total Capacitance VS. Reverse Voltage
Reverse Voltage,V (V)
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com