Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF4060CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF4060CT
Description  40A High Power Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF4060CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF4060CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF4060CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF4060CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Document ID : DS-11KIZ
Revised Date : 2016/04/14
Revision : C
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
40A High Power Schottky Barrier Rectifier
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
J
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance (per diode)
Junction temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CF4060CT
UNIT
-55 ~ +125
40
250
A
A
O C/W
O C
35
R
θ J A
Junction to ambient
Peak repetitive reverse surge current
A
2us
2
Working peak reverse voltage
V
RW M
60
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
150
0.25
mV
mA
MIN.
MAX.
O
I = 20A, T = 25 C
F
J
O
I = 20A, T = 125 C
F
J
580
(per diode)
CF4060CT
Chip Integration Technology Corporation
Junction to case
R
θ J C
4
Storage temperature
T
S T G
-55 ~ +150
■ Circuit Diagram
■ Features
■ Mechanical data
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Weight : Approximated 2.25 gram
540
0.09
75
■ Outline
ITO-220AB
Alternate
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
0.039(1.0)
0.051(1.3)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Dimensions in inches and (millimeters)
Reverse Breakdown voltage (per diode)
o
Ir = 0.5mA, T =25 C
J
V
B R
60
V
Main Product Characteristics
I
F ( AV )
2 X 20A
V
R R M
T
J
V
F ( Ty p )
60V
O
125 C
0.39V
390
O
I = 3A, T = 25 C
F
J
335


Similar Part No. - CF4060CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF4050 ETC2-CF4050 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
Chip Integration Techno...
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
40A Trench Schottky Rectifier
More results

Similar Description - CF4060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Digitron Semiconductors
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
40A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
40A Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com