Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4504 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4504
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4504 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4504 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SSG4504
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 7.2 A, 40 V, RDS(ON) 30 mΩ
Ω
Ω
Ω
P-Ch: -6.5A, -40 V, RDS(ON) 40 mΩ
Ω
Ω
Ω
28-Aug-2017 Rev. B
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
4504SS
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4504 is the highest performance trench
N-ch and P-ch MOSFETs with extreme high cell density,
which provide excellent RDSON and gate charge for most
of the synchronous buck converter applications.
The SSG4504 meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Green Device Available
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS
Ratings
Parameter
Symbol
N-Ch
P-Ch
Unit
Drain-Source Voltage
VDS
40
-40
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25°C
7.2
-6.5
A
Continuous Drain Current
1, V
GS@10V
TA=100°C
ID
5.6
-5.1
A
Pulsed Drain Current
3
IDM
14.5
-13
A
Total Power Dissipation
TC=25°C
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Data
Thermal Resistance Junction-ambient
1
RθJA
85
Thermal Resistance Junction-ambient
2
RθJA
135
Thermal Resistance Junction-case
1
RθJC
50
°C / W
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
SOP-8
A
H
B
M
D
C
J
K
F
L
E
N
G
G2
G1
S1
S2
D2
D2
D1
D1
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.79
6.20
H
0.33
0.51
B
4.70
5.11
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.3
1.752
E
0.40
1.27
M
0
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG4504

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4504 VBSEMI-SSG4504 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4504 SECOS-SSG4504_15 Datasheet
939Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4504

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com