Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4504 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4504
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4504 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4504 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4504 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Elektronische Bauelemente
SSG4504
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 7.2 A, 40 V, RDS(ON) 30 mΩ
Ω
Ω
Ω
P-Ch: -6.5A, -40 V, RDS(ON) 40 mΩ
Ω
Ω
Ω
28-Aug-2017 Rev. B
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
P-CHANNEL ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-40
-
-
V
VGS=0, ID= -250uA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250uA
Forward Transfer conductance
gfs
-
12
-
S
VDS= -5V, ID= -6A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
TJ=25°C
-
-
-1
Drain-Source Leakage Current
TJ=55°C
IDSS
-
-
-5
uA
VDS= -32V, VGS=0
-
-
40
VGS= -10V, ID= -6A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
65
m
VGS= -4.5V, ID= -4A
Total Gate Charge
Qg
-
9
-
Gate-Source Charge
Qgs
-
2.54
-
Gate-Drain (“Miller”) Change
Qgd
-
3.1
-
nC
ID= -6A
VDS= -20V
VGS= -4.5V
Turn-on Delay Time
Td(on)
-
19.2
-
Rise Time
Tr
-
12.8
-
Turn-off Delay Time
Td(off)
-
48.6
-
Fall Time
Tf
-
4.6
-
nS
VDS= -15V
VGS= -10V
ID= -1A
RG=3.3
RD=20
Input Capacitance
Ciss
-
1004
-
Output Capacitance
Coss
-
108
-
Reverse Transfer Capacitance
Crss
-
80
-
pF
VGS=0
VDS= -15V
f=1.0MHz
Source-Drain Diode
Forward On Voltage
1
VSD
-
-
-1
V
IS= -1A, VGS=0V, TJ=25°C
Continuous Source Current
3
IS
-
-
-6.5
A
Pulsed Source Current
4
ISM
-
-
-13
A
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper
2.
When mounted on Min. copper pad.
3.
Pulse width limited by maximum junction temperature , pulse width ≦ 300us , duty cycle ≦ 2%
4.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com