Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9926J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9926J
Description  Dual-N Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9926J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG9926J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9926J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9926J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSG9926J
4.8A, 20V, RDS(ON) 30mΩ
Ω
Ω
Ω
Dual-N Enhancement Mode Power MOSFET
10-Feb-2016 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSG9926J provides the designers with the best
combination of fast switching, ruggedized device design,
ultra low on-resistance and cost-effectiveness.
FEATURES
Advanced trench processing technology
High density cell design for ultra low on-resistance
High power and current handing capability
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
4K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
ID
4.8
A
Pulsed Drain Current
IDM
30
A
Power Dissipation
1
PD
1.25
W
Thermal Resistance from Junction to Ambient
1
RθJA
100
°C / W
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
The surface of the device is mounted on a 1’’ × 1’’ FR4 board.
G
S
G
S
D
D
D
D
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
Q9926
= Date Code


Similar Part No. - SSG9926J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9926J-C SECOS-SSG9926J-C Datasheet
270Kb / 3P
Dual-N Enhancement Mode Power MOSFET
More results

Similar Description - SSG9926J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228_15 Datasheet
823Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC_15 Datasheet
581Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG05N10J SECOS-SSG05N10J Datasheet
244Kb / 3P
Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com