Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9926J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9926J
Description  Dual-N Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9926J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9926J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9926J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9926J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG9926J
4.8A, 20V, RDS(ON) 30mΩ
Ω
Ω
Ω
Dual-N Enhancement Mode Power MOSFET
10-Feb-2016 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=20V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±12V
Gate-Threshold Voltage
1
VGS(th)
0.6
-
1.2
V
VDS=VGS, ID=250µA
-
-
30
VGS=4.5V, ID=6A
Drain-Source On-Resistance
1
RDS(ON)
-
-
40
m
VGS=2.5V, ID=5A
Forward Transfer Conductance
1
gfs
15
-
-
S
VDS=15V, ID=6A
Switching Characteristics
Turn-On Delay Time
Td(on)
-
35
-
Rise Time
Tr
-
60
-
Turn-Off Delay Time
Td(off)
-
75
-
Fall Time
Tf
-
30
-
nS
VDD=15V
VGEN=4.5V
RL=15
RGEN=6
ID=1A
Total Gate Charge
Qg
-
20
-
Gate-Source Charge
Qgs
-
3
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.3
-
nC
VDS=15V
VGS=4.5V
ID=6A
Source-Drain Diode Characteristics
Maximum Diode Forward Current
IS
-
-
1
A
Diode Forward Voltage
1
VSD
-
-
1.2
V
IS=1.7A, VGS=0
Source-Drain Reverse Recovery Time
TRR
-
-
80
nS
IF=1.7A, di/dt=100A/µS
Notes:
1.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com