Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEBWR1304MZGS-1-D Datasheet(PDF) 7 Page - DDK Ltd.

Part # WEBWR1304MZGS-1-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBWR1304MZGS-1-D Datasheet(HTML) 7 Page - DDK Ltd.

  WEBWR1304MZGS-1-D Datasheet HTML 1Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 2Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 3Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 4Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 5Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 6Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 7Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Unit:mm
http://www.ddknet.co.jp
WEB Series
7
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○WEBR/WEBWR Panel Mounting and Cutout Dimensions
Y min.
Panel Cutout for Two Connectors of Same Shell Size
Front Mounting:φM1 min.
Rear Mounting: φM2 min.
8-φ3.5±0.2
E
Shell Size
Mounting Hole
Pitch
Front Mounting
Diameter
Rear Mounting
Diameter
Serial Mounting
Pitch
E ±0.2
M1(min.)
M2(min.)
Y(min.)
13
20
17
19
42
16
23
21
23
46
21
26
25
27
50
25
29
29
31
54
Note:The panel thickness for the rear mounting is as follows.
Connector without Gasket : 3 mm max.
Connector with Gasket :   2 mm max.
Panel
(Rear of Panel)
(Front of Panel)
Mating Face
Front Mounting
Rear Mounting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com