Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEBWR1304MZGS-1-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # WEBWR1304MZGS-1-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBWR1304MZGS-1-D Datasheet(HTML) 1 Page - DDK Ltd.

  WEBWR1304MZGS-1-D Datasheet HTML 1Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 2Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 3Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 4Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 5Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 6Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 7Page - DDK Ltd. WEBWR1304MZGS-1-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
WEB series is a waterproof connector which meets Class
IP67 protection against water and dust when mated.
The insert arrangements for this series are the same
as those of our JM series connectors with the threaded
coupling design.
WEB series has a bayonet coupling design to be suitable
for applications requiring quick positive coupling.
WEB Series
Waterproof Circular Connectors
for Solder Terminations Meeting IP67
RoHS
Compliant
RoHS
Compliant
Item
Material/Finish
Insert
Synthetic Resin / Blue
Contact
Copper Alloy / Silver Plating or Gold Plating
Shell
Zinc Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Cable Clamp
Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Bushing
Synthetic Rubber / Black
Protection Cap
Synthetic Rubber / Black,
Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Zinc Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Contact Size
#20 Contact
#16 Contact
Male Contact Diameter
1.0mm
1.6mm
Rated Voltage
250V AC(r.m.s.) or 350V DC
Rated Current
5A / contact
10A / contact
Applicable
Cable
Conductor Diameter
1.0mm max.
1.5mm max.
Nominal Sectional Area
0.5mm2 max.
1.25mm2 max.
Reference Wire Size
AWG #20 max.
AWG #16 max.
Operating Temperature
- 25℃ to + 85℃
Insulation Resistance
1,000MΩ (min.) at 500V DC.
Dielectric Withstanding Voltage
1,000V AC(r.m.s.) at 1 minute.
Contact Resistance
5m Ω max.
Waterproof Rating
IP67 (Mated condition)
Vibration
Amplitude : 10-55H / 1.5mm
Shock
Acceleration 50G.
Durability
500 cycles
Humidity(Stable Condition)
40℃ , 90-95% , 96 hours
Heat Cycle
- 40℃ to + 100℃ , 5 cycles
Salt Spray
5% , 35℃ , 48hours
121105
Waterproof
IP67
Lock Type
Bayonet
1. Bayonet Coupling
This series has a bayonet coupling design. The click sound after rotating the coupling ring gives you the indication
of full coupling.
2. 5 Keys to Prevent Mismating
The shell has five keys. Alternate insert positions eliminate the connector mismating if more than one connector
with the same size and arrangement is to be used in a system. The insulator is permanently positioned in the shell
so that only a connector with the same degree of rotation can be mated with it.
3. Quick and Easy Termination
The contacts are preloaded in the connector. The solder cups are oriented in one direction to simplify termination.
4. UL
UL Approved : File No E72124
Safety
Standard
UL
OUTLINE
FEATURE
SPECIFICATIONS
MATERIAL / FINISH
Note: AWG wire sizes for reference only.


Similar Part No. - WEBWR1304MZGS-1-D

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WEBCARDLX TRIPPLITE-WEBCARDLX Datasheet
171Kb / 3P
Web Management Accessory Card
WEBCARDLXE TRIPPLITE-WEBCARDLXE Datasheet
44Kb / 2P
WEBCARDLXE Network Management Card for Select UPS Systems
logo
List of Unclassifed Man...
WEBDAQ-316 ETC-WEBDAQ-316 Datasheet
3Mb / 7P
Internet Enabled Thermocouple Data Logger
January 2020. Rev 5
WEBDAQ-904 ETC-WEBDAQ-904 Datasheet
3Mb / 9P
Internet Enabled Universal Input Logger
June 2020. Rev 1
WEBDAQ316 ETC-WEBDAQ316 Datasheet
3Mb / 7P
Internet Enabled Thermocouple Data Logger
January 2020. Rev 5
More results

Similar Description - WEBWR1304MZGS-1-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
EBSP1303MXG-D DDK-EBSP1303MXG-D Datasheet
281Kb / 6P
Moistureproof Circular Connectors for Solder Terminations Meeting IP55
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Lumberg
0250 LUMBERG-0250 Datasheet
350Kb / 3P
Quicklock circular connectors, IP67
0251 LUMBERG-0251 Datasheet
465Kb / 3P
Quicklock circular connectors, IP67
0260 LUMBERG-0260 Datasheet
317Kb / 3P
Quicklock circular connectors, IP67
0272 LUMBERG-0272 Datasheet
458Kb / 3P
Quicklock circular connectors, IP67
0274 LUMBERG-0274 Datasheet
525Kb / 3P
Quicklock circular connectors, IP67
029012 LUMBERG-029012 Datasheet
233Kb / 3P
Quicklock circular connectors, IP67
029020 LUMBERG-029020 Datasheet
300Kb / 3P
Quicklock circular connectors, IP67
logo
DDK Ltd.
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com