Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9577 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM9577
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9577 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM9577 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSM9577
-3.8A, -60V, RDS(O ) 85mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
24-May-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSM9577 is the highest performance trench
P-ch MOSFETs with extreme high cell density,
which provide excellent RDS(ON) and gate charge for most
of the synchronous buck converter applications .
The SSM9577 meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced High Cell Density Trench Technology
Super Low Gate Charge
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
-3.8
A
Continuous Drain Current @VGS=10V
1
TA=70°C
ID
-3
A
Pulsed Drain Current
3
IDM
-8
A
Total Power Dissipation
TA=25°C
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance from Junction to Ambient
1
85
Maximum Thermal Resistance from Junction to Ambient
2
RθJA
125
Maximum Thermal Resistance from Junction to Case
1
RθJC
60
°C / W
SOT-223
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
1Gate
3
Source
2
Drain
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.90
6.70
G
-
0.18
B
6.70
7.30
H
2.00 REF.
C
3.30
3.80
J
0.20
0.40
D
1.40
1.90
K
1.10 REF.
E
4.45
4.75
L
2.30 REF.
F
0.60
0.85
M
2.80
3.20
9577
= Date code


Similar Part No. - SSM9577

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9577-C SECOS-SSM9577-C Datasheet
258Kb / 4P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSM9577

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com