Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9577 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM9577
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9577 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM9577 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM9577 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSM9577
-3.8A, -60V, RDS(O ) 85mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
24-May-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0, ID= -250uA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250uA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
-
-
-1
VDS= -48V, VGS=0, TJ=25°C
Drain-Source Leakage Current
IDSS
-
-
-5
uA
VDS= -48V, VGS=0, TJ=55°C
-
-
85
VGS= -10V, ID= -3A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
105
m
VGS= -4.5V, ID= -2A
Total Gate Charge
Qg
-
11.8
-
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
6.5
-
nC
ID= -3A
VDS= -20V
VGS= -4.5V
Turn-On Delay Time
Td(on)
-
8.8
-
Rise Time
Tr
-
19.6
-
Turn-Off Delay Time
Td(off)
-
47.2
-
Fall Time
Tf
-
9.6
-
nS
VDS= -15V
ID= -1A
VGS= -10V
RG=3.3
Input Capacitance
Ciss
-
1080
-
Output Capacitance
Coss
-
73
-
Reverse Transfer Capacitance
Crss
-
50
-
pF
VGS=0
VDS= -15V
f=1MHz
Source-Drain Diode
Forward On Voltage
4
VSD
-
-
-1.2
V
IS= -1A, VGS=0V
Continuous Source Current
1
IS
-
-
-3.8
Pulsed Source Current
3
ISM
-
-
-8
A
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
The power dissipation is limited by 150°C junction temperature.
4.
The data tested by pulsed, Pulse width ≦ 300us, Duty cycle ≦ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com