Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRL545 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CRL545
Description  5A Lead Type Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CRL545 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CRL545 Datasheet HTML 1Page - Chip Integration Technology Corporation CRL545 Datasheet HTML 2Page - Chip Integration Technology Corporation CRL545 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CRL545G.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
5A Lead Type Trench Schottky Rectifier
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
Peak repetitive reverse surge current
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CRL545
UNIT
-65 ~ +150
5
150
A
A
O C/W
O C
6
R
θ J C
Junction to case
CRL545
V
R M
V
RW M
V
R R M
45
V
I
R R M
A
2us - 1kHz
2
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
400
470
CRL545
Document ID : DS-11KFB
Revised Date : 2014/05/26
Revision : C


Similar Part No. - CRL545

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CRL5100 CITC-CRL5100 Datasheet
454Kb / 3P
5A Lead Type Low Barrier Diode
logo
Legrand North America, ...
CRL515 LEGRAND-CRL515  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
CRL520 LEGRAND-CRL520  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
Cooper Bussmann, Inc.
CRL520C COOPER-CRL520C Datasheet
3Mb / 81P
Locking Devices
CRL520P COOPER-CRL520P Datasheet
3Mb / 81P
Locking Devices
More results

Similar Description - CRL545

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP5S100S CITC-CP5S100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CRL1045 CITC-CRL1045 Datasheet
455Kb / 3P
10A Lead Type Trench Schottky Rectifier
CTL5100MASG CITC-CTL5100MASG Datasheet
508Kb / 4P
5A Trench Schottky Rectifier
CTP5L45SG CITC-CTP5L45SG Datasheet
522Kb / 4P
5A Trench Schottky Rectifier
CTP5L60SG CITC-CTP5L60SG Datasheet
500Kb / 4P
5A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
TSUP5M60SH TSC-TSUP5M60SH Datasheet
432Kb / 5P
5A, 60V Trench Schottky Rectifier
TSUP5M45SH TSC-TSUP5M45SH Datasheet
432Kb / 5P
5A, 45V Trench Schottky Rectifier
logo
Diodes Incorporated
B540CX DIODES-B540CX Datasheet
637Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
SDT5A50SA DIODES-SDT5A50SA Datasheet
380Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
September 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com