Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL552 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASL552
Description  Wideband Linear Push-Pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL552 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASL552 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL552
Wideband Linear Push-pull Amplifier MMIC
0
200
400
600
800
1000
1200
1400
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
1200
1400
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
Frequency (MHz)
.
1) OIP3 is measured with two tones at an output power of +12 dBm/tone
separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +14 dBm/tone at
F1(400 MHz)+F2(450MHz).
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
1200
Noise Figure (dB)
3.5
3.5
3.7
Magnitude S21 (dB)
10.4
10.3
10.7
Magnitude S11 (dB)
-18
-16
-15
Magnitude S22 (dB)
-18
-16
-15
Output P1dB (dBm)
26
26
26
Output IP31) (dBm)
44
47
46
Output IP22) (dBm)
65
CSO (dBc)
-
CTB (dBc)
-
Device Voltage (V)
+8
Current (mA)
370
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
CATV Push-Pull
1 : 1 transformer
High Linearity
50 ~ 1200 MHz
+8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com