Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL552 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL552
Description  Wideband Linear Push-Pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL552 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL552 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL552 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL552
Wideband Linear Push-pull Amplifier MMIC
(Supply Voltage = +8 V, TA = +25 C, Z0 = 75 )
1) OIP3 is measured with two tones at an output power of +14 dBm/tone separated by 6 MHz.
2) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 6 MHz.
3) OIP2 is measured with two tones at an output power of +14 dBm/tone at F1(400 MHz)+F2(450MHz).
4) 60 channels, +42 dBmV per channel (measured at output), measured at 543.25MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
11.0
S11
dB
-17
S22
dB
-17
Output IP3
dBm
46
Noise Figure
dB
3.3
Output P1dB
dBm
26
Current
mA
240
Device Voltage
V
+8
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+9 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 1:1 transformer, 75
 matched)
+13 dBm
Maximum Current
500 mA
Thermal Resistance
18
C/W
Parameters
Units
Typical
Frequency
MHz
50
500
860
1002
1200
Noise Figure
dB
3.5
3.5
3.5
3.8
3.7
Gain
dB
11.1
11.0
11.0
11.0
10.7
S11
dB
-18
-16
-16
-16
-15
S22
dB
-18
-16
-16
-16
-15
Output P1dB
dBm
26
26
26
26
26
Output IP3
dBm
442)
482)
461)
452)
462)
Output IP23) (dBm)
dBm
65
CSO4) (@ 543.25 MHz)
dBc
76
CTB4) (@ 543.25 MHz)
dBc
73
Current
mA
240
Device Voltage
V
+8
Features
Description
Typical Performance
 High Linearity 48 dBm OIP3
 Low Noise Figure 3.5 dB
 26 dBm P1dB
 75
 Input & Output Match
 Bandwidth 5 ~ 1200 MHz
 Single Supply +8 V
The ASL552, a wideband linear push-pull amplifi-
er MMIC, has a high linearity and low noise over a
wide range of frequency 5 MHz to 1.2 GHz, being
suitable for use in the fiber receiver, distribution
amplifiers and drop amplifiers of CATV systems,
and in the mobile wireless repeaters and BTS.
The amplifier is available in a SOIC8 package and
passes through the stringent DC, RF, and reliabil-
ity tests.
Application Circuit
 50 ~ 1002 MHz (1:1 transformer)
 50 ~ 1002 MHz (1:1 transformer)
 50 ~ 1200 MHz (1:1 transformer)
 50 ~ 1200 MHz (1:1 transformer)
 50 ~ 860 MHz (1:1 transformer)
 50 ~ 860 MHz (1:1 transformer)
Product Specifications
ASL552
Package Style: SOIC8
Pin Configuration
Pin No.
Function
1
RF IN 1
2,3,6,7
NC
4
RF IN 2
5
RF OUT 2
8
RF OUT 1
Absolute Maximum Ratings


Similar Part No. - ASL552

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL552 ASB-ASL552 Datasheet
662Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
June 2011
More results

Similar Description - ASL552

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL331 ASB-ASL331 Datasheet
581Kb / 6P
Wideband Linear Push-pull Amplifier MMIC
March 2012
ASL362 ASB-ASL362 Datasheet
548Kb / 7P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL551 ASB-ASL551 Datasheet
705Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2012
ASL552 ASB-ASL552 Datasheet
662Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL331 ASB-ASL331_17 Datasheet
1Mb / 11P
Wideband Linear Push-pull Amplifier MMIC
September 2017
ASL362 ASB-ASL362_17 Datasheet
906Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2017
ASL551 ASB-ASL551_17 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
ASL572 ASB-ASL572 Datasheet
778Kb / 8P
Wideband Linear Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com