Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHC Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSHC
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHC Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSHC Datasheet HTML 1Page - IC-Haus GmbH IC-LSHC Datasheet HTML 2Page - IC-Haus GmbH IC-LSHC Datasheet HTML 3Page - IC-Haus GmbH IC-LSHC Datasheet HTML 4Page - IC-Haus GmbH IC-LSHC Datasheet HTML 5Page - IC-Haus GmbH IC-LSHC Datasheet HTML 6Page - IC-Haus GmbH IC-LSHC Datasheet HTML 7Page - IC-Haus GmbH IC-LSHC Datasheet HTML 8Page - IC-Haus GmbH IC-LSHC Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev D1, Page 2/9
DESCRIPTION
The iC-LSHC photosensor is a general purpose opto-
electronic scanner made to suit a variety of encoding
applications, such as rotary and linear encoders used
for motion control, robotics, brushless DC motor com-
mutation, power tools etc.
iC-LSHC features 12 monolithically integrated photo-
sensors with active areas of 800 µm x 330 µm each. A
high transimpedance gain of typically 1 MΩ generates
output signals of a few hundret Millivolts already from
illumination levels of typ. 1.7 mW/cm2. In most cases
no additional measures must be considered to filter
for noise and interferences.
Sine/cosine encoders are the typical application for
iC-LSHC. Its 3-track scanning features a set of 4 pho-
tosensors each per track, generating positive and
negative going sine signals, as well as positive and
negative going cosine signals. An excellent match-
ing and common mode behavior of the differential
signal paths is obtained by a paired amplifier design,
reducing the needs for external signal calibration to
an absolute minimum.
The spectral sensitivity range includes visible to near
infrared light, with the maximum sensitivity being close
to a wavelength of 680 nm. When using iC-LSHC for
encoder applications with typical disc and mask codes,
a signal amplitude of approximately some 100 mV is
typical under low light conditions, for instance when
iC-LSHC is illuminated at only 3.0 mW/cm2 by an
740 nm LED.
PACKAGING INFORMATION
PAD LAYOUT
PAD FUNCTIONS
No. Name Function
Refer to the description of pin functions.
Note: Dimension G4 is the reference
radius of the chip center.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com