Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHC Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-LSHC
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHC Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-LSHC Datasheet HTML 1Page - IC-Haus GmbH IC-LSHC Datasheet HTML 2Page - IC-Haus GmbH IC-LSHC Datasheet HTML 3Page - IC-Haus GmbH IC-LSHC Datasheet HTML 4Page - IC-Haus GmbH IC-LSHC Datasheet HTML 5Page - IC-Haus GmbH IC-LSHC Datasheet HTML 6Page - IC-Haus GmbH IC-LSHC Datasheet HTML 7Page - IC-Haus GmbH IC-LSHC Datasheet HTML 8Page - IC-Haus GmbH IC-LSHC Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev D1, Page 3/9
PIN CONFIGURATION
oBGA LSH2C (6.2 mm x 5.2 mm)
PIN FUNCTIONS
No. Name Function
A2 VCC
+4.1...5.5 V Supply Voltage
A3 VREF Reference Voltage Output
A4 GND
Ground
B1 PS_N N-Track Sine +
B2 NS_N N-Track Sine -
B3 NC_N N-Track Cosine -
B4 PC_N N-Track Cosine +
C1 PS_M M-Track Sine +
C2 NS_M M-Track Sine -
C3 NC_M M-Track Cosine -
C4 PC_M M-Track Cosine +
D1 PS_S S-Track Sine +
D2 NS_S S-Track Sine -
D3 NC_S S-Track Cosine -
D4 PC_S S-Track Cosine +
NB: All outputs supply analog voltages.
For dimensional specifications refer to the relevant package data sheet, available separately.
PIN CONFIGURATION
oQFN32-5x5 (5 mm x 5 mm)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN FUNCTIONS
No.
Name Function
1 VCC
+4.1...5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PS_N N-Track Sine +
4 NS_N N-Track Sine -
5 PS_M M-Track Sine +
6 NS_M M-Track Sine -
7 PS_S S-Track Sine +
8 NS_S S-Track Sine -
9-16 n.c.1)
17 NC_S S-Track Cosine -
18 PC_S S-Track Cosine +
19 NC_M M-Track Cosine -
20 PC_M M-Track Cosine +
21 NC_N N-Track Cosine -
22 PC_N N-Track Cosine +
23 n.c.1)
24 GND
Ground
25-32 n.c.1)
BP 2)
Backside paddle
NB: All outputs supply analog volt-
ages.
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes);
1) Pin numbers marked n.c. are not connected.
2) Connecting the backside paddle is recommended by a single link to GND (use as shield). A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com