Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CPF06 Datasheet(PDF) 3 Page - International Rectifier

Part # 60CPF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CPF06 Datasheet(HTML) 3 Page - International Rectifier

  60CPF06 Datasheet HTML 1Page - International Rectifier 60CPF06 Datasheet HTML 2Page - International Rectifier 60CPF06 Datasheet HTML 3Page - International Rectifier 60CPF06 Datasheet HTML 4Page - International Rectifier 60CPF06 Datasheet HTML 5Page - International Rectifier 60CPF06 Datasheet HTML 6Page - International Rectifier 60CPF06 Datasheet HTML 7Page - International Rectifier 60CPF06 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
60EPF.. 60CPF..
QUIETIR Series
Bulletin I2113 rev. D 04/99
www.irf.com
T
J
Max.JunctionTemperatureRange
-40to150
°C
T
stg
Max.StorageTemperatureRange
-40to150
°C
R
thJC
Max.ThermalResistanceJunction
0.4
°C/W
DCoperation
toCase
R
thJA
Max.ThermalResistanceJunction
40
°C/W
toAmbient
R
thCS
TypicalThermalResistance,Caseto
0.2
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Case Style
TO-247AC
JEDEC(Modified)
Thermal-Mechanical Specifications
Parameters
60.PF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
90
100
110
120
130
140
150
0
1020
30405060
70
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
60.PF.. Series
R
(DC) = 0.4 K/W
thJC
90
100
110
120
130
140
150
0
2040
6080
100
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
60.PF.. Series
R
(DC) = 0.4 K/W
thJC
0
10
20
30
40
50
60
70
80
90
0
1020
3040
506070
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
60.PF.. Series
T = 150°C
J
0
20
40
60
80
100
120
140
0
20406080
100
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
60.PF.. Series
T = 150°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com