Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CPF06 Datasheet(PDF) 5 Page - International Rectifier

Part # 60CPF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CPF06 Datasheet(HTML) 5 Page - International Rectifier

  60CPF06 Datasheet HTML 1Page - International Rectifier 60CPF06 Datasheet HTML 2Page - International Rectifier 60CPF06 Datasheet HTML 3Page - International Rectifier 60CPF06 Datasheet HTML 4Page - International Rectifier 60CPF06 Datasheet HTML 5Page - International Rectifier 60CPF06 Datasheet HTML 6Page - International Rectifier 60CPF06 Datasheet HTML 7Page - International Rectifier 60CPF06 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
60EPF.. 60CPF..
QUIETIR Series
Bulletin I2113 rev. D 04/99
www.irf.com
Fig. 14 - Thermal Impedance Z
thJCCharacteristics
Fig. 12 - Recovery Current Characteristics, T
J
= 25°C
Fig. 13 - Recovery Current Characteristics, T
J
= 150°C
Fig. 10 - Recovery Charge Characteristics, T
J
= 25°C
Fig. 11 - Recovery Charge Characteristics, T
J
= 150°C
0
1
2
3
4
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T = 25 °C
J
0
1
2
3
4
5
10
20
30
40
50
60
70
80
90 100
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T = 150 °C
J
0
5
10
15
20
25
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T = 25 °C
J
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90 100
10 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 60 A
30 A
5 A
1 A
FM
60.PF.. Series
T = 150 °C
J
0.01
0.1
1
0. 001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Single Pulse
60.PF.. Series
Steady State Value
(DC Operation)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com