Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC2G66
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2G66 Datasheet HTML 4Page - NXP Semiconductors 74HC2G66 Datasheet HTML 5Page - NXP Semiconductors 74HC2G66 Datasheet HTML 6Page - NXP Semiconductors 74HC2G66 Datasheet HTML 7Page - NXP Semiconductors 74HC2G66 Datasheet HTML 8Page - NXP Semiconductors 74HC2G66 Datasheet HTML 9Page - NXP Semiconductors 74HC2G66 Datasheet HTML 10Page - NXP Semiconductors 74HC2G66 Datasheet HTML 11Page - NXP Semiconductors 74HC2G66 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2004 May 19
8
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Resistance RON for 74HC2G66 and 74HCT2G66
See notes 1 and 2.
Notes
1. For 74 HCT2G66 only VCC = 4.5 V applies; for 74HC2G66 all VCC values apply.
2. At supply voltages near 2 V, the analog switch ON-resistance is extremely non linear. When using a supply of 2 V,
it is recommended is to use these devices only for digital signals.
3. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V) Is (µA)
Tamb = −40 °C to +85 °C; note 3
RON(peak)
ON-resistance (peak)
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−
250
−Ω
4.5
1000
−
41
118
Ω
6.0
1000
−
30
105
Ω
9.0
1000
−
21
88
Ω
RON(rail)
ON-resistance (rail)
Vis = GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−
65
−Ω
4.5
1000
−
28
95
Ω
6.0
1000
−
22
82
Ω
9.0
1000
−
18
70
Ω
Vis =VCC;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−
65
−Ω
4.5
1000
−
31
106
Ω
6.0
1000
−
23
94
Ω
9.0
1000
−
19
78
Ω
∆RON
maximum variation of
ON-resistance between
the two channels
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
4.5
−−
5
−Ω
6.0
−−
4
−Ω
9.0
−−
3
−Ω
Tamb = −40 °C to +125 °C
RON(peak)
ON-resistance (peak)
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
142
Ω
6.0
1000
−−
126
Ω
9.0
1000
−−
105
Ω
RON(rail)
ON-resistance (rail)
Vis = GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
115
Ω
6.0
1000
−−
100
Ω
9.0
1000
−−
80
Ω
Vis =VCC;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
128
Ω
6.0
1000
−−
113
Ω
9.0
1000
−−
95
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com