Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC2G66
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC2G66 Datasheet HTML 9Page - NXP Semiconductors 74HC2G66 Datasheet HTML 10Page - NXP Semiconductors 74HC2G66 Datasheet HTML 11Page - NXP Semiconductors 74HC2G66 Datasheet HTML 12Page - NXP Semiconductors 74HC2G66 Datasheet HTML 13Page - NXP Semiconductors 74HC2G66 Datasheet HTML 14Page - NXP Semiconductors 74HC2G66 Datasheet HTML 15Page - NXP Semiconductors 74HC2G66 Datasheet HTML 16Page - NXP Semiconductors 74HC2G66 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2004 May 19
13
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Fig.9 Typical switch OFF signal feed-through as a function of frequency.
handbook, full pagewidth
0
−20
−40
−60
−80
−100
MNA082
10
102
103
104
105
106
f (kHz)
(dB)
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; RSOURCE =1kΩ.
handbook, full pagewidth
5
0
−5
MNA083
10
102
103
104
105
106
f (kHz)
(dB)
Fig.10 Typical frequency response.
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; RSOURCE =1kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com