Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWS-7350 Datasheet(PDF) 1 Page - AAEON Technology

Part # FWS-7350
Description  Optional Up to 2 Pairs LAN Bypass Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7350 Datasheet(HTML) 1 Page - AAEON Technology

  FWS-7350 Datasheet HTML 1Page - AAEON Technology FWS-7350 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
14-29
14-30
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
www.aaeon.com
Features
Specifications
FWS-7350
Front View
Rear View
1U Rackmount 4 LAN Ports Network Appliance with Intel® Atom™ Processor SoC
■
■ 1U Rackmount 4 LAN Ports Network Appliance
■
■ Onboard Intel® C2758/C2558 4-Core/ 8-Core 2.4 GHz Processor SoC
■
■ 240-Pin Dual-Channel ECC or non-ECC DDR3(L) 1600 MHz DIMM x 4,
Up to 64 GB
■
■ Gigabit Ethernet x 4
■
■ Optional Up to 2 Pairs LAN Bypass Function
■
■ 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2 and CompactFlash™ Socket
x 1
■
■ RJ-45 Console x 1, USB 2.0 x 2
■
■ NIM Slot x 1
■
■ Optional PCI-E [x4] x 1
■
■ ATX PSU 100W
■
■ Mini-PCIe Slot x 1
RJ-45 Console x 1
LED Indicators
SW Programmable Button
PCI-E [x4] Expansion Slot x 1 (Optional)
System Fan x 1
(Smart Fan Supported)
Power Switch
100W ATX Power
LCM with Keypad
USB 2.0 x 2
GbE LAN Port x 4
NIM Slot x 1 (Optional)
Platform
Form Factor
1U Rackmount Network Platform
Processor
Onboard Intel® C2758/C2558 4-Core/ 8-Core 2.4 GHz Processor SoC
Chipset
Integrated
System Memory
DDR3L 1600 UDIMM/ECC, up to 64GB, 240-pin DIMM x 4
Network
Ethernet
Marvell 88E1543 phy Gigabit Ethernet x 4 + NIM
Bypass
2 ~ 4 (Depends on NIM)
NIM Slot
1
Display
Graphic Controller
Mini-card VGA (Optional)
Connector
VGA cable (Optional)
Storage
HDDs
Internal 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2 (Optional)
CF/CFast/mSATA
CF socket x 1
Expansion/Internal Interface
PCIe slot
PCIe [x4] signal use [x8] slot
Mini-card slot
Mini Card x 1
IPMI
—
Keyboard and Mouse
Pin-header
Universal Serial Bus
USB 2.0 x 1 Box Header (2.0mm) (optional)
Miscellaneous
RTC
Internal RTC
Watchdog Timer
1~255 steps by software programmable
Software Button
GPIO Programmable push button x 1
TPM
—
GPIO
—
FAN
1
MTBF (Hours)
109,000
Color
Black
Environmental Parameters and Dimension
Power Requirement
100W ATX PSU
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Storage Temp.
-4°F ~ 140°F (-20°C ~ 60°C)
Operating Humidity
10 ~ 80%
Storage Humidity
10 ~ 80% @ 40°C, non-condensing
Vibration
0.5 Grms/ 5 ~ 500Hz/ operation (3.5” H.D.D)
1.5 Grms/ 5 ~ 500Hz/ no operation
Shock
10G peak acceleration (11 m sec. duration), operation
20G peak acceleration (11 m sec. duration), non-operation
Chassis Dimension
(W x D x H)
16.93” x 12.01” x1.73”
(430mm x 305mm x 44mm)
I/O Interfaces
Front Panel
- Power LED x 1
- Status LED x 1
- HDD Active LED x 1
- LAN ports Link/Active LED x 4
- Bypass LED (Default 2 LEDs)
- USB 2.0 Ports x 2
- RJ-45 Console x 1
- Parallel LCM display and 4 keypad x 1
- Software Programmable Switch x 1
Rear Panel
- AC Power Input x 1
- Power Switch x 1
- VGA port (Optional)
- Rear Expansion Slot x 2 (Optional PCIe [x4] signal use x8 slot)


Similar Part No. - FWS-7350

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7300 AAEON-FWS-7300 Datasheet
491Kb / 2P
1U Intel Pentium M/ Celeron M Network Appliance With 8 LAN & PCI Expansion Slots
FWS-7360 AAEON-FWS-7360 Datasheet
382Kb / 2P
1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
FWS-7360E7-A10-000 AAEON-FWS-7360E7-A10-000 Datasheet
382Kb / 2P
1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
More results

Similar Description - FWS-7350

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92801 AXIOMTEK-AX92801 Datasheet
122Kb / 1P
Dual Gigabit ports with LAN bypass function
logo
Protech Systems Co., Lt...
SP-6128 PROTECHSYSTEMS-SP-6128 Datasheet
598Kb / 2P
Optional Wireless LAN module
logo
Level One
POI-3004 LVL1-POI-3004 Datasheet
658Kb / 3P
PoE supplies up to 30W of power feeding on 2 pairs
logo
AAEON Technology
NIM-C13A AAEON-NIM-C13A Datasheet
117Kb / 1P
supports two pairs bypass function
PER-C37L AAEON-PER-C37L Datasheet
118Kb / 1P
supports 2 pairs bypass function
logo
Vecow Co., Ltd.
ECS-9160P VECOW-ECS-9160P Datasheet
390Kb / 2P
ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/LAN Bypass, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
logo
Advantech Co., Ltd.
NMC-0121 ADVANTECH-NMC-0121 Datasheet
487Kb / 1P
4 Ports 1GbE RJ45 Network Management Card (with Optional Advanced LAN Bypass)
5-Aug-2019
NMC-0806 ADVANTECH-NMC-0806 Datasheet
494Kb / 1P
8 Ports 1GbE RJ45 Network Management Card (with Optional Advanced LAN Bypass)
24-Jun-2018
NMC-0807 ADVANTECH-NMC-0807 Datasheet
482Kb / 1P
8 Ports 1GbE RJ45 Network Management Card with Optional Advanced LAN Bypass
3-Sep-2019
NMC-0808 ADVANTECH-NMC-0808 Datasheet
483Kb / 1P
4 Ports 1GbE Copper (RJ45) 4 Ports 1GbE Fiber (SFP) with Optional Advanced LAN Bypass
3-Sep-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com