Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWS-7350 Datasheet(PDF) 2 Page - AAEON Technology

Part # FWS-7350
Description  Optional Up to 2 Pairs LAN Bypass Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7350 Datasheet(HTML) 2 Page - AAEON Technology

  FWS-7350 Datasheet HTML 1Page - AAEON Technology FWS-7350 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14-29
14-30
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
www.aaeon.com
Dimension
Unit: mm
FWS-7350
• Gift Box (Including Console Cable, Ear Brackets)
• Product DVD
• FWS-7350
Packing List
Optional Accessories
Ordering Information
Part Number
CPU
Memory
Storage
Display
LAN
USB
Console
Bypass
*NIM Slot
**Expansion Slot
Mounting
Power
FWS-7350E4-H10-A10-000
Onboard Intel® C2758 8 Core™ 2.4 GHz Processor SoC
DDR3L ECC/UDIMM
(Up to 64GB)
2.5" HDD Bay x 2
—
GbE x 4
USB 2.0 x 2 RJ-45 x 1
2
1
PCIe [x8] slot x 1 use
x4 signal (Optional)
1U Rackmount
ATX
FWS-7350E4-H10-A10-001
Onboard Intel® C2558 4 Core™ 2.4 GHz Processor SoC
DDR3L ECC/UDIMM
(Up to 64GB)
2.5" HDD Bay x 2
—
GbE x 4
USB 2.0 x 2 RJ-45 x 1
2
1
PCIe [x8] slot x 1 use
x4 signal (Optional)
1U Rackmount
ATX
• M02666600
Slide x 2, for Rackmount Usage
• 1702031803
Power Cord, 3P-250V/10A, 180D, 1.8M, VDE, YP22/
YP12
• 1702031802
Power Cord, 3P-250V/10A, 180D, 1.8M, USA, YP22/
YP12
• 170203180E
Power Cord, 3P-25V/7A, 180D, 1.8M, PSE, YP12/YP12
• 9761EMPV01
VGA Cable for FWS-7520/7350
• PER-T281-A10-01
PER-T281, Riser Card for NIM
• PER-T282-A10-00
PER-T282, Riser Card for PCI-E [x8] Expansion
• PER-C35L-A10-00
Fiber Module Intel® 82599,10 GbE x 2, Rev. A1.0
• PER-C36L-A10-01
Fiber Module Intel® i210.1 GbE x 2, Rev. A1.0
• PER-C36L-A10-02
PCI-Express Gigabit Ethernet Module w/ Intel® i210
Controller, 4 Fiber GbE
• PER-C38L-A10-02
LAN Module Intel® 82580EB 1GbE x 8, 4 pairs
Bypass, Rev. A1.0
• PER-C39L-A10-01
LAN Module Intel® 82580EB 1GbE x 8, Rev. A1.0
• PER-C38L-A10-02
LAN Module Intel® 82580EB 1GbE x 8, 4 pairs
Bypass, Rev. A1.0
• PER-C40L-A10-01
LAN Module Intel® 82580EB 1GbE x 4, Rev. A1.0
• PER-C41L-A10-01
LAN Module Intel® 82580EB 1GbE x 4, 2 pairs
Bypass, Rev. A1.0
*Note 1: Need to configure riser card and module
**Note 2: Need to configure riser card



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com