Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1117SA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STP1117SA
Description  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117SA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STP1117SA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ADJ (Gnd)
[[
[ [
Vout
Vin
xx:Vout
A: ADJ
25: 2.5V
12: 1.2V
33: 3.3V
18: 1.8V
The last letter(s) of Part No.
denote the Output Voltage
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The STP1117Sxx series of positive adjustable and
fixed regulators are designed to provide 1A with high
efficiency. All internal circuitry is designed to operate
down to 1.4V input to output differential.
On-chip trimming adjusts the reference voltage to
1%. Current limit the typical value of 1.5A allows to
minimizing the stress on both the regulator and the
power source circuitry under overload conditions.
FEATURES
Adjustable or Fixed Output 1.2V,1.8V,2.5V,3.3V
Output Current of 1A
Low Dropout, 1.2 V typ. at 1A Output Current
0.04% Line Regulation
0.2 % Load Regulation
100% Thermal Limit Burn-In
Fast Transient Response
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Adjustable Power Supply
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
3K
13 inch
TYPICAL APPLICATION CIRCUIT
Part Number
Marking
STP1117SA
1117SA
STP1117S12
1117S12
STP1117S18
1117S18
STP1117S25
1117S25
STP1117S33
1117S33
SOT-223
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.90
6.70
G
-
0.18
B
6.70
7.30
H
2.00 REF.
C
3.30
3.80
J
0.20
0.40
D
1.40
1.90
K
1.10 REF.
E
4.45
4.75
L
2.30 REF.
F
0.60
0.85
M
2.80
3.20


Similar Part No. - STP1117SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
18-Jul-2011
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
More results

Similar Description - STP1117SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1118 GTM-GJ1118 Datasheet
239Kb / 4P
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
SJA1117B SECOS-SJA1117B Datasheet
220Kb / 3P
1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com