Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1117SA Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # STP1117SA
Description  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117SA Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  STP1117SA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 3 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(I
LOAD=0mA, TJ=25°C unless otherwise specified )
Parameter
Symbol
Device
Min.
Typ.
Max
Unit
Test conditions
Operating Voltage
4
VIN
-
-
16
V
1.232
1.250
1.268
ILOAD=10mA, VIN=5V
Reference Voltage
1
VIROC
Adj
1.225
1.250
1.275
V
ILOAD=10mA to1A,
1.5V ≤ VIN-VOUT ≤ 10V
4
-1.5
-
1.5
VIN=VOUT=1.5V,
Variator from nominal VOUT
All fixed
version
-2
-
2
Output Voltage
1
VO
VOUT=1.2V
-3
-
2
%
1.5V ≤ VIN-VOUT ≤ 10V,
ILOAD=0mA to 1A,
Variator from nominal VOUT
4
Output Voltage Accuracy
@Wafer Testing
VO
All
-0.6
0
0.6
%
VIN=VOUT=1.5V, ILOAD=10mA
Line Regulation
LNR
All
-
0.04
0.238
%
ILOAD=10mA, 1.5V ≤ VIN-VOUT ≤ 10V
4
Load Regulation
1
LDR
All
-
0.2
0.25
%
VIN=VOUT=1.5V, ILOAD=10mA to1A
4
Minimum Load Current
IL
adj
-
2
7
mA VIN=5V, VADJ=0V
4
Ground Pin Current
All fixed
version
-
35
10
mA VIN=VOUT=1.5V, ILOAD=10mA to1A
4
Adjust Pin Current
Adj
-
35
60
uA
ILOAD=10mA, 1.5V ≤ VIN-VOUT ≤ 10V
4
Current Limit
All
1
1.5
2
A
VIN-VOUT=1.5V
4
Ripple Rejection
2
RR
All
60
-
-
dB
VIN-VOUT=2.5V, ILOAD=1A
Dropout Voltage
1.3
VD
All
-
1.2
1.4
V
ILOAD=1A
4
Temperature Coefficient
All
-
-
0.015
%/°C VIN-VOUT=1.5V, ILOAD=10mA
4
Notes:
1.
Low duty pulse testing with Kelvin connections required.
2.
120Hz input ripple (CADJ for ADJ = 25µF).
3.
△VOUT, △VREF=1%
4.
The specifications which apply over the full temperature range: −40°C ≤ TJ ≤ 125°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com