Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7734 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7734
Description  4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7734 Datasheet HTML 9Page - Analog Devices AD7734 Datasheet HTML 10Page - Analog Devices AD7734 Datasheet HTML 11Page - Analog Devices AD7734 Datasheet HTML 12Page - Analog Devices AD7734 Datasheet HTML 13Page - Analog Devices AD7734 Datasheet HTML 14Page - Analog Devices AD7734 Datasheet HTML 15Page - Analog Devices AD7734 Datasheet HTML 16Page - Analog Devices AD7734 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7734
Pin No.
Mnemonic
Description
9
INTBIAS
This pin provides direct access to the analog input’s common node, bypassing the input
resistor divider. In normal circuit configuration, this pin is left open circuit.
10
MUX0
This pin provides direct access to the multiplexer input of Channel 0, bypassing the
input resistor divider. The input voltage range is 0 V to +0.625 V, ±0.625 V, 0 V to +1.25 V,
or ±1.25 V referenced to the INTBIAS pin. In normal circuit configuration, this pin is left
open circuit.
11, 14, 15, 18
BIAS0–BIAS3
These inputs are used to level shift the analog inputs. These signals are used to ensure
that the differential signal seen by the internal buffer amplifier is within its common-
mode range. The BIAS0 to BIAS3 pins will normally be connected to 2.5 V.
12, 13, 16, 17
AIN0–AIN3
Analog Inputs.
19
BIASLO
BIASLO, in association with BIASHI, is used to set the analog input common-mode
voltage. Assuming the BIAS0 to BIAS3 and BIASHI pins are connected to 2.5 V, the analog
input voltages are referenced to the voltage at BIASLO. In normal circuit configuration,
this pin should be connected to 0 V.
20
BIASHI
BIASHI, in association with BIASLO, is used to set the analog input common-mode
voltage. In normal circuit configuration, this pin should be connected to 2.5 V.
21
REFIN(+)
Positive Terminal of the Differential Reference Input. REFIN(+) voltage potential can lie
anywhere between AVDD and AGND. In normal circuit configuration, this pin should be
connected to a 2.5 V reference voltage.
22
REFIN(–)
Negative Terminal of the Differential Reference Input. REFIN(–) voltage potential can lie
anywhere between AVDD and AGND. In normal circuit configuration, this pin should be
connected to a 0 V reference voltage.
23
AGND
Ground Reference Point for Analog Circuitry.
24
RDY
Logic Output. Used as a status output in both conversion mode and calibration mode. In
conversion mode, a falling edge on this output indicates that either any channel or all
channels have unread data available, according to the RDYFN bit in the I/O port register.
In calibration mode, a falling edge on this output indicates that calibration is complete
(see the Digital Interface Description section for more details).
25
DOUT
Serial data output with serial data being read from the output shift register on the part.
This output shift register can contain information from any AD7734 register, depending
on the address bits of the communications register.
26
DIN
Serial data input (Schmitt triggered) with serial data being written to the input shift
register on the part. Data from this input shift register is transferred to any AD7734
register, depending on the address bits of the communications register
27
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal.
28
DGND
Ground Reference Point for Digital Circuitry.
Rev. 0 | Page 13 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com