Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7734 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7734
Description  4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7734 Datasheet HTML 18Page - Analog Devices AD7734 Datasheet HTML 19Page - Analog Devices AD7734 Datasheet HTML 20Page - Analog Devices AD7734 Datasheet HTML 21Page - Analog Devices AD7734 Datasheet HTML 22Page - Analog Devices AD7734 Datasheet HTML 23Page - Analog Devices AD7734 Datasheet HTML 24Page - Analog Devices AD7734 Datasheet HTML 25Page - Analog Devices AD7734 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7734
Rev. 0 | Page 22 of 32
DIGITAL INTERFACE DESCRIPTION
Hardware
The AD7734 serial interface can be connected to the host device
via the serial interface in several different ways.
The CS pin can be used to select the AD7734 as one of several
circuits connected to the host serial interface. When CS is high,
the AD7734 ignores the SCLK and DIN signals and the DOUT
pin goes to the high impedance state. When the CS signal is not
used, connect the CS pin to DGND.
The RDY pin can be polled for high-to-low transition or can
drive the host device interrupt input to indicate that the
AD7734 has finished the selected operation and/or new data
from the AD7734 is available. The host system can also wait a
designated time after a given command is written to the device
before reading. Alternatively, the AD7734 status can be polled.
When the RDY pin is not used in the system, it should be left as
an open circuit. (Note that the RDY pin is always an active
digital output, i.e., it never goes into a high impedance state.)
The RESET pin can be used to reset the AD7734. When not
used, connect this pin to DVDD.
The AD7734 interface can be reduced to just two wires
connecting the DIN and DOUT pins to a single bidirectional
data line. The second signal in this 2-wire configuration is the
SCLK signal. The host system should change the data line
direction with reference to the AD7734 timing specification
(see the Bus Relinquish Time in Table 2). The AD7734 cannot
operate in the continuous read mode in 2-wire serial interface
configuration.
All the digital interface inputs are Schmitt-Triggered; therefore,
the AD7734 interface features higher noise immunity and can
be easily isolated from the host system via optocouplers.
Figure 13, Figure 14, and Figure 15 outline some of the possible
host device interfaces: SPI without using the CS signal
(Figure 13), a DSP interface (Figure 14), and a 2-wire
configuration (Figure 15).
SCLK
DIN
DOUT
CS
RDY
RESET
DGND
DVDD DVDD
AD7734
SCK
MOSI
MISO
INT
68HC11
SS
Figure 13. AD7734 to Host Device Interface, SPI
SCLK
DIN
DOUT
CS
RDY
RESET
DVDD
AD7734
SCLK
DT
DR
INT
TFS
RFS
ADSP-2105
Figure 14. AD7734 to Host Device Interface, DSP
SCLK
DIN
DOUT
CS
RESET
DGND
DVDD
AD7734
P3.1/TXD
P3.0/RXD
8xC51
Figure 15. AD7734 to Host Device Interface, 2-Wire Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com