Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF075 Datasheet(PDF) 1 Page - Littelfuse

Part # RUSBF075
Description  Specification Status: Released
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RUSBF075 Datasheet(HTML) 1 Page - Littelfuse

  RUSBF075 Datasheet HTML 1Page - Littelfuse RUSBF075 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RUSBF075
DOCUMENT: SCD25241
REV LETTER: F
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26,2016
Specification Status: Released
Electrical Rating
Voltage: 6VDC MAX
Current: 40A MAX
Insulating Material:
Cured Flame Retardant Epoxy Polymer
meets
UL 94-V-O Requirements
Lead Material:
24 AWG Tin Plated Nickel Copper
Alloy
Marking:
Manufacturer’s Mark
Lot Identification
and Part Identification
R75
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
6.9
--
11.4
4.3
5.9
7.6
--
--
3.1
in*:
--
(0.27)
--
(0.45)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
TABLE II. PERFORMANCE RATINGS:
I HOLD
RATED
CURRENT
CURRENT
RATINGS
INITIAL RESISTANCE
VALUES
ONE HOUR
POST-TRIP
RESISTANCE
STANDARD
TRIP
MAXIMUM
TIME TO
TRIP
@ 8A
TRIPPED
-STATE
POWER
DISSIPAT
ION
AMPERS
AT 20
C
AMPERES
AT 20
C
OHMS
AT 20
C
OHMS
AT 20
C
SECONDS
AT
20
C
WATTS
AT 20
C
HOLD
HOLD
TRIP
MIN
TYP
MAX
MAX
0.75
0.75
1.3
0.11
0.14
0.175
0.23
0.4
0.3
Agency Recognition:
UL, CSA, TUV
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
.
* Halogen Free refers to: r≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm.
HF


Similar Part No. - RUSBF075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUSBF075 MACOM-RUSBF075 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
RUSBF075 MACOM-RUSBF075 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
RUSBF075 MACOM-RUSBF075 Datasheet
329Kb / 28P
PolySwitch Resettable Devices Radial-leaded Devices
RUSBF075 MACOM-RUSBF075 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUSBF075-2 MACOM-RUSBF075-2 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
More results

Similar Description - RUSBF075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005S MACOM-LVR005S Datasheet
85Kb / 2P
Specification Status RELEASED
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
Specification Status: Released
ASMD030F-2 MACOM-ASMD030F-2 Datasheet
101Kb / 1P
Specification Status: Released
RUEF250U MACOM-RUEF250U Datasheet
85Kb / 1P
Specification Status Released
FEMTOSMDC016F-02 MACOM-FEMTOSMDC016F-02 Datasheet
107Kb / 1P
Specification Status: Released
logo
Littelfuse
LVM2P-015R10431 LITTELFUSE-LVM2P-015R10431 Datasheet
90Kb / 2P
Specification Status: Released
LVR100K-240 LITTELFUSE-LVR100K-240 Datasheet
428Kb / 3P
Specification Status: Released
RUEF250U LITTELFUSE-RUEF250U Datasheet
155Kb / 2P
Specification Status: Released
RUEF900 LITTELFUSE-RUEF900 Datasheet
338Kb / 2P
Specification Status: Released
RUSBF110 LITTELFUSE-RUSBF110 Datasheet
348Kb / 2P
Specification Status: Released
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com