Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 43 Page - Intel Corporation

Part # 80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 43 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 39Page - Intel Corporation 80960JD Datasheet HTML 40Page - Intel Corporation 80960JD Datasheet HTML 41Page - Intel Corporation 80960JD Datasheet HTML 42Page - Intel Corporation 80960JD Datasheet HTML 43Page - Intel Corporation 80960JD Datasheet HTML 44Page - Intel Corporation 80960JD Datasheet HTML 45Page - Intel Corporation 80960JD Datasheet HTML 46Page - Intel Corporation 80960JD Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
PRODUCT PREVIEW
37
80960JD
5.0
BUS FUNCTIONAL WAVEFORMS
Figures 24 through 29 illustrate typical 80960JD bus
transactions. Figure 30 depicts the bus arbitration
sequence. Figure 31 illustrates the processor reset
sequence from the time power is applied to the
device. Figure 32 illustrates the processor reset
sequence when the processor is in operation. Figure
33 illustrates the processor ONCE sequence from
the time power is applied to the device. Figures 34
and 35 also show accesses on 32-bit buses. Tables
18 through 21 summarize all possible combinations
of bus accesses across 8-, 16-, and 32-bit buses
according to data alignment.
Figure 24. Non-Burst Read and Write Transactions Without Wait States, 32-Bit Bus
CLKIN
AD31:0
ALE
ADS
A3:2
BE3:0
WIDTH1:0
D/C
W/
R
DT/
R
DEN
RDYRCV
BLAST
ADDR
D
In
Invalid
ADDR
DATA Out
10
10
Ta
Td
Tr
Ti
Ti
Ta
Td
Tr
Ti
Ti
F_JF030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com