Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 57 Page - Intel Corporation

Part # 80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 57 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 51Page - Intel Corporation 80960JD Datasheet HTML 52Page - Intel Corporation 80960JD Datasheet HTML 53Page - Intel Corporation 80960JD Datasheet HTML 54Page - Intel Corporation 80960JD Datasheet HTML 55Page - Intel Corporation 80960JD Datasheet HTML 56Page - Intel Corporation 80960JD Datasheet HTML 57Page - Intel Corporation 80960JD Datasheet HTML 58Page - Intel Corporation 80960JD Datasheet HTML 59Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
PRODUCT PREVIEW
51
80960JD
6.0
DEVICE IDENTIFICATION
80960JD processors may be identified electrically,
according to device type and stepping (see Figure
36, and Table 22 through Table 25). Table 22
identifies the device ID for all 3.3 V and 5 V,
80960JD processors. Figure 36, and Table 23
through Table 25 identify all 3.3 V, 5 V-tolerant,
80960JD processors. The device ID for the C0
stepping is enhanced to differentiate between 3.3 V
and 5 V supply voltages, and between non-clock-
doubled and clock-doubled cores when stepping
from the A2 stepping to the C0 stepping. The 32-bit
identifier is accessible in three ways:
• Upon reset, the identifier is placed into the g0
register.
• The identifier may be accessed from supervisor
mode at any time by reading the DEVICE ID
register at address FF008710H.
• The IEEE Standard 1149.1 Test Access Port may
select the DEVICE ID register through the
IDCODE instruction.
• The device and stepping letter is also printed on
the top side of the product package.
Table 22. 80960JD Die and Stepping Reference
Device and
Stepping
Version
Number
Part Number
Manufacturer
X
Complete ID
(Hex)
80960JD A, A2
0000
1000 1000 0010 0000
0000 0001 001
1
08820013
80960JD C0
0011
0000 1000 0011 0000
0000 0001 001
1
30830013
Figure 36. 80960JD Device Identification Register
28
24
20
40
16
12
8
1
1
0
0
1
0
0
0
0
0
0
0
Manufacturer ID
Part Number
Version
Model
Gen
Product
Type
VCC
1
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com