Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7911AUJ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7911AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911AUJ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7911AUJ-R2 Datasheet HTML 16Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 17Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 18Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 19Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 20Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 21Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 22Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 23Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7911/AD7921
Rev. 0 | Page 20 of 28
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7911/AD7921 when
not converting, the average power consumption of the ADC
decreases at lower throughput rates. Figure 29 shows how, as the
throughput rate is reduced, the device remains in its power-
down state longer and the average power consumption over
time drops accordingly.
For example, if the AD7911/AD7921 are operating in a
continuous sampling mode with a throughput rate of 50 kSPS
and a SCLK of 5 MHz (VDD = 5 V) and the devices are placed in
power-down mode between conversions, then the power
consumption is calculated as follows. The power dissipation
during normal operation is 20 mW (VDD = 5 V). If one dummy
cycle powers up the part between conversions (3.2 µs), and the
remaining conversion time is another cycle (3.2 µs), then the
AD7911/AD7921 dissipate 20 mW for 6.4 µs during each
conversion cycle. If the throughput rate is 50 kSPS and the cycle
time is 20 µs, then the average power dissipated during each
cycle is
(6.4/20) × (20 mW) = 6.4 mW
If VDD = 3 V, SCLK= 5 MHz, and the device is again in power-
down mode between conversions, then the power dissipation
during normal operation is 6 mW. The AD7911/AD7921 now
dissipate 6 mW for 6.4 µs during each conversion cycle. With a
throughput rate of 50 kSPS, the average power dissipated during
each cycle is
(6.4/20) × (6 mW) = 1.92 mW
In the previous examples, the power dissipation when the part is
in power-down mode has not been taken into account, because
the shutdown current is so low that it does not have any effect
on the overall power dissipation value. Figure 29 shows the
power consumption versus throughput rate when using the
power-down mode between conversions with both 5 V and 3 V
supplies.
Power-down mode is intended for use with throughput rates of
approximately 120 kSPS and under, because higher sampling
rates do not have a power saving in power-down mode.
0.01
100
10
1
0.1
0
135
120
105
90
75
60
45
30
15
THROUGHPUT (kSPS)
VDD = 5V, SCLK = 5MHz
VDD = 3V, SCLK = 5MHz
Figure 29. Power Consumption vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com