Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7911AUJ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7911AUJ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7911AUJ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7911AUJ-R2 Datasheet HTML 20Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 21Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 22Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 23Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 24Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 25Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 26Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 27Page - Analog Devices AD7911AUJ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7911/AD7921
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
0.80
0.60
0.40
8°
0°
4
85
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 35. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
1
3
5
6
2
8
4
7
2.90 BSC
PIN 1
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
0.90
0.87
0.84
SEATING
PLANE
1.00 MAX
0.20
0.08
0.55
0.45
0.35
8°
4°
0°
2.80 BSC
COMPLIANT TO JEDEC STANDARDS MO-193BA
Figure 36. 8-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Linearity
Error (LSB)1
Package
Description
Package
Option
Branding
Quantity
AD7911ARM
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
C1J
1
AD7911ARM-REEL
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
C1J
3,000
AD7911ARM-REEL7
−40°C to +85°C
±0.5 max
8-lead MSOP
RM-8
C1J
1,000
AD7911AUJ-R2
−40°C to +85°C
±0.5 max
8-lead TSOT
UJ-8
C1J
250
AD7911AUJ-REEL7
−40°C to +85°C
±0.5 max
8-lead TSOT
UJ-8
C1J
3,000
AD7921ARM
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
C1K
1
AD7921ARM-REEL
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
C1K
3,000
AD7921ARM-REEL7
−40°C to +85°C
±1.5 max
8-lead MSOP
RM-8
C1K
1,000
AD7921AUJ-R2
−40°C to +85°C
±1.5 max
8-lead TSOT
UJ-8
C1K
250
AD7921AUJ-REEL7
−40°C to +85°C
±1.5 max
8-lead TSOT
UJ-8
C1K
3,000
1 Linearity error here refers to integral nonlinearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com