Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP567 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP567
Description  Dual Ultrafast Voltage Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP567 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP567 Datasheet HTML 2Page - Analog Devices ADCMP567 Datasheet HTML 3Page - Analog Devices ADCMP567 Datasheet HTML 4Page - Analog Devices ADCMP567 Datasheet HTML 5Page - Analog Devices ADCMP567 Datasheet HTML 6Page - Analog Devices ADCMP567 Datasheet HTML 7Page - Analog Devices ADCMP567 Datasheet HTML 8Page - Analog Devices ADCMP567 Datasheet HTML 9Page - Analog Devices ADCMP567 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADCMP567
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
03632-0-002
PIN 1
INDICATOR
VEE
24
23 NC
22 VEE
21 VCC
GND
–INA
+INA
20 VCC
19 VEE
18 NC
17 VEE
VCC
VCC
+INB
–INB
GND
1
2
3
4
5
6
7
8
NC = NO CONNECT
ADCMP567
TOP VIEW
(Not to Scale)
Figure 2. ADCMP567 Pin Configuration
Table 3. ADCMP567 Pin Descriptions
Pin No.
Mnemonic
Function
1
GND
Analog Ground
2
−INA
Inverting analog input of the differential input stage for Channel A. The inverting A input must be driven
in conjunction with the noninverting A input.
3
+INA
Noninverting analog input of the differential input stage for Channel A. The noninverting A input must
be driven in conjunction with the inverting A input.
4
VCC
Positive Supply Terminal
5
VCC
Positive Supply Terminal
6
+INB
Noninverting analog input of the differential input stage for Channel B. The noninverting B input must
be driven in conjunction with the inverting B input.
7
−INB
Inverting analog input of the differential input stage for Channel B. The inverting B input must be driven
in conjunction with the noninverting B input.
8
GND
Analog Ground
9
GND
Analog Ground
10
LEB
One of two complementary inputs for Channel B Latch Enable. In the compare mode (logic low), the
output will track changes at the input of the comparator. In the latch mode (logic high), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEB must be driven
in conjunction with LEB.
11
LEB
One of two complementary inputs for Channel B Latch Enable. In the compare mode (logic high), the
output will track changes at the input of the comparator. In the latch mode (logic low), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEB must be driven
in conjunction with LEB.
12
NC
No Connect. Leave pin unconnected.
13
VDD
Logic Supply Terminal
14
QB
One of two complementary outputs for Channel B. QB will be at logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the comparator is
in the compare mode). See the LEB description (Pin 11) for more information.
15
QB
One of two complementary outputs for Channel B. QB will be at logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the comparator is
in the compare mode). See the LEB description (Pin 11) for more information.
16
VDD
Logic Supply Terminal
17
VEE
Negative Supply Terminal
18
NC
No Connect. Leave pin unconnected.
19
VEE
Negative Supply Terminal
20
VCC
Positive Supply Terminal
21
VCC
Positive Supply Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com