Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP567 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP567
Description  Dual Ultrafast Voltage Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP567 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP567 Datasheet HTML 4Page - Analog Devices ADCMP567 Datasheet HTML 5Page - Analog Devices ADCMP567 Datasheet HTML 6Page - Analog Devices ADCMP567 Datasheet HTML 7Page - Analog Devices ADCMP567 Datasheet HTML 8Page - Analog Devices ADCMP567 Datasheet HTML 9Page - Analog Devices ADCMP567 Datasheet HTML 10Page - Analog Devices ADCMP567 Datasheet HTML 11Page - Analog Devices ADCMP567 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADCMP567
Rev. 0 | Page 8 of 16
TIMING INFORMATION
50%
50%
VREF ± VOS
50%
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
Q OUTPUT
LATCH ENABLE
tH
tPDL
tPDH
tPLOH
tPLOL
tR
tF
VIN
VOD
tS
tPL
03633-0-003
Figure 3. System Timing Diagram
The timing diagram in Figure 3 shows the ADCMP567 compare
and latch features. Table 4 describes the terms in the diagram.
Table 4. Timing Descriptions
Symbol
Timing
Description
tPDH
Input to output
high delay
Propagation delay measured from
the time the input signal crosses
the reference (± the input offset
voltage) to the 50% point of an
output low-to-high transition
tPDL
Input to output
low delay
Propagation delay measured from
the time the input signal crosses
the reference (± the input offset
voltage) to the 50% point of an
output high-to-low transition
tPLOH
Latch enable
to output high
delay
Propagation delay measured from
the 50% point of the Latch Enable
signal low-to-high transition to
the 50% point of an output low-
to-high transition
tPLOL
Latch enable
to output low
delay
Propagation delay measured from
the 50% point of the Latch Enable
signal low-to-high transition to
the 50% point of an output high-
to-low transition
Symbol
Timing
Description
tH
Minimum
hold time
Minimum time after the negative
transition of the Latch Enable
signal that the input signal must
remain unchanged to be acquired
and held at the outputs
tPL
Minimum
latch enable
pulsewidth
Minimum time that the Latch
Enable signal must be high to
acquire an input signal change
tS
Minimum
setup time
Minimum time before the
negative transition of the Latch
Enable signal that an input signal
change must be present to be
acquired and held at the outputs
tR
Output rise
time
Amount of time required to
transition from a low to a high
output as measured at the 20%
and 80% points
tF
Output fall
time
Amount of time required to
transition from a high to a low
output as measured at the 20%
and 80% points
VOD
Voltage
overdrive
Difference between the
differential input and reference
input voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com