Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM1
Description  High Dynamic Range Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
AM1
Performance Charts (T = 22°C, unmatched device in a 50 ohm system)
Application Circuit: 0.8 to 2.6 GHz (AM1-PCB)
109
108
107
106
105
50
75
100
125
150
175
200
Temperature (
°C)
MTBF vs. Temperature
Junction
Ground Tab
Frequency (MHz)
500
1000
1500
2000
3000
2500
S-Parameters
20
10
0
-10
-20
-30
Typical Specifications
Frequency
0.9 GHz
1.9 GHz
2.4 GHz
Magnitude S21
13.4 dB
12.2 dB
11.5 dB
Magnitude S11
-12.5 dB
-13.2 dB
-11.4 dB
Magnitude S22
-21.2 dB
-17.8 dB
-17.3 dB
OIP3
37.0 dBm
37 dBm
37 dBm
Noise Figure
2.4 dB
2.6 dB
2.8 dBm
Bias
Vds = 4.5 V, Id = 75 mA
FR4 Board Layout (T = 14 Mils)
Schematic
S21
S11
S22
AM1
C = 56 pF
RF OUT
RF IN
DC 4.5 V
C = 56 pF
L = 12 nH
L = 10 nH
GND
0603 Package
C = 56 pF
0603 Package
C = 56 pF
0603 Package
L = 12 nH
0603 Package
C = 56 pF
0603 Package
L = 10 nH
+4.5 V
INPUT
OUTPUT
C = 56 pF
3 or more Via
Grounds req.
All Trans. Lines Z = 50 Ohm
GND
NOTE: The application circuit is designed for wide bandwidth. For narrow band applications, S11 and S21 can be improved with an input shunt microstrip element to ground.
20
15
10
5
0
0
500
1000 1500
2000
Frequency (MHz)
2500
3000
3500
4000
0
0
-5
-10
-15
-20
-25
-30
-35
500
1000 1500
2000
Frequency (MHz)
-5
0
5
10
15
20
25
0
5
10
15
20
Input Power (dBm)
2500
3000
3500
4000
Gain vs. Frequency
Input/Output Return Loss
Gain and Output Power vs. Input Power
Vds = 4.5 V
Id = 65 mA
Vds = 4.5 V
Id = 65 mA
Output Power (dBm)
Frequency = 1.9 GHz
Vds = 4.5 V
Id = 69 mA
S11
S22
Gain (dB)
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85°C
Thermal Resistance (Maximum)
88°C/W
Junction Temperature
+155°C
(Recommended Maximum)
Notes:
1. Thermal Resistance determined at Maximum Tab Temperature and Maximum Power
Dissipation.
2. Recommended Maximum Junction Temperature insures a MTBF of 1 million hours.
3. Refer to WJ Application Note “AM1 Temperature Effects on Reliability” for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com