Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM1
Description  High Dynamic Range Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
AM1
Product Description
The AM1 is a general purpose gain block that
offers good dynamic range in a low cost surface
mount package. The combination of flat IP3
and noise figure performance over frequency
makes it attractive for both narrow and broad-
band applications. Superior thermal design
allows the product to achieve +37 dBm IP3 per-
formance at a mounting temperature of +85°C
with an associated MTBF of >100 years3. All
devices are 100% RF and DC tested.
Product Features
• 60-3000 MHz Bandwidth
• +37 dBm Output IP3
• 2.4 dB Noise Figure
• 14 dB Gain
• +18 dBm P1dB
• MTBF >100 Years
• SOT-89 SMT Package
• Single Bias Supply (+3.3 to +4.5 V)
Functional Diagram
4
123
Function
Pin No.
Input
1
Ground
2
Output/Bias
3
Ground
4
High Dynamic Range Gain Block
Absolute Maximum Ratings
Parameter
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-55 to +125°C
DC Voltage
+5.5 V
Input RF Power (continuous)
+7 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AM1
High Dynamic Range Amplifier
(Available in tape and reel)
AM1-PCB
Fully Assembled Application Circuit
The Communications Edge™
Specifications
Parameter
Units
Min.
Typical
Max.
Frequency Range
MHz
60
3000
S21 - Gain
dB
13
14
16
S11 - Input Return Loss
dB
-9
S22 - Output Return Loss
dB
-15
Output IP3
dBm
+33
+37
Output P1dB
dBm
+18
Noise Figure
dB
2.4
Operating Current Range
mA
55
75
100
Supply Voltage
V
4.5
Test conditions unless otherwise noted.
1. T = 25°C, Vdd = 4.5 V, Frequency = 800 MHz, 50
Ω system.
2. OIP3 measured with two tones at an output power of 2 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the OIP3 using a 2:1 slope rule.
3. MTBF calculated with channel temperature at 155˚C.
Typical Parameters
Parameter
Units
Typical
Frequency
MHz
900
1900
S21
dB
13.4
12.2
S11
dB
-12.5
-13.2
S22
dB
-21.2
-17.8
Output IP3
dBm
+37.5
+37.0
Output P1dB
dBm
+18.1
+18.0
Noise Figure
dB
2.4
2.6
Typical specifications reflect AM1 measured on application circuit (AM1-PCB).
Actual Size


Similar Part No. - AM1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Altech corporation
AM1 ALTECH-AM1 Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
RAYEX ELECTRONICS CO., ...
AM1 RAYEX-AM1 Datasheet
577Kb / 2P
AM1 SERIES
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AM1-G TRIQUINT-AM1-G Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results

Similar Description - AM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
167Kb / 5P
High Dynamic Range Gain Block
AG102 WJCI-AG102 Datasheet
399Kb / 6P
High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com