Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1-PCB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1-PCB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM1-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
AM1
Application Circuit: 60 - 100 MHz
Typical Specifications
Frequency
70 MHz
Magnitude S21
16.3 dB
Magnitude S11
-17.1 dB
Magnitude S22
-15.6 dB
Noise Figure
5.1 dB
Bias Supply
4.5 V @ 75 mA
Noise Figure
3
4
5
6
7
8
30
50
70
90
110
130
150
Frequency (MHz)
S-Parameters
-20
-15
-10
-5
0
5
10
15
20
30
50
70
90
110
130
150
Frequency (MHz)
S21
S11
S22
RF IN
AM1
PIN 1
PIN 3
PIN 2,4
L1
180 nH
C1
.018
µF
RF OUT
L2
180 nH
VDD = + 4.5 V
ID = 75 mA
C3
.018
µF
C4
.018
µF
Schematic
C2
5.6 pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com