Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1-PCB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1-PCB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM1-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers AM1-PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
Typical Test Data
S-Parameters (Vds = +4.5 V, Ids = 75 mA, T = 22°C, unmatched device in a 50 ohm system)
Freq (MHz)
S11 (Mag)
S11 (Ang)
S21 (Mag)
S21 (Ang)
S12 (Mag)
S12 (Ang)
S22 (Mag)
S22 (Ang)
250
0.499
-26.60
4.732
163.00
0.091
7.59
0.292
-24.50
350
0.483
-29.90
4.677
160.00
0.092
2.17
0.275
-23.50
450
0.473
-34.20
4.624
156.00
0.093
-1.66
0.263
-23.80
550
0.466
-39.20
4.624
152.00
0.093
-4.84
0.257
-25.00
650
0.459
-44.60
4.571
148.00
0.093
-7.70
0.248
-27.00
750
0.453
-50.30
4.571
143.00
0.094
-10.40
0.243
-29.20
850
0.447
-56.10
4.467
139.00
0.094
-12.90
0.234
-31.50
950
0.441
-62.30
4.467
134.00
0.094
-15.40
0.229
-34.30
1050
0.435
-68.60
4.467
130.00
0.094
-17.90
0.221
-37.50
1150
0.347
-74.23
4.576
132.39
0.096
-18.13
0.108
-27.27
1250
0.345
-80.74
4.537
128.65
0.096
-20.21
0.102
-27.41
1350
0.351
-86.61
4.492
124.94
0.096
-22.23
0.100
-27.26
1450
0.351
-91.21
4.450
121.26
0.095
-24.21
0.098
-30.03
1550
0.351
-97.34
4.406
117.51
0.095
-26.26
0.093
-29.92
1650
0.357
-102.70
4.357
113.92
0.094
-28.09
0.094
-30.82
1750
0.357
-107.50
4.321
110.26
0.094
-30.05
0.089
-33.77
1850
0.360
-113.99
4.265
106.53
0.093
-32.01
0.086
-32.21
1950
0.368
-118.52
4.222
103.05
0.093
-33.81
0.087
-36.15
2050
0.366
-124.10
4.178
99.26
0.092
-35.95
0.078
-37.29
2150
0.375
-129.50
4.115
95.85
0.091
-37.66
0.081
-36.43
2250
0.380
-133.90
4.081
92.16
0.091
-39.71
0.077
-42.91
2350
0.378
-139.40
4.018
88.51
0.090
-41.70
0.073
-39.88
2450
0.395
-144.55
3.984
85.14
0.089
-43.45
0.076
-45.37
2550
0.394
-148.39
3.928
81.27
0.088
-45.65
0.067
-46.63
2650
0.391
-154.12
3.868
77.98
0.087
-47.48
0.070
-45.24
2750
0.410
-159.49
3.828
74.36
0.087
-49.46
0.065
-52.31
2850
0.405
-162.27
3.757
70.85
0.085
-51.43
0.060
-49.00
2950
0.407
-168.06
3.713
67.63
0.085
-53.15
0.062
-52.88
3050
0.421
-172.65
3.655
64.07
0.083
-55.23
0.055
-56.02
3150
0.419
-175.62
3.597
60.85
0.082
-56.91
0.055
-55.16
3250
0.423
178.73
3.560
57.48
0.081
-58.82
0.052
-59.73
3350
0.432
174.86
3.501
54.10
0.080
-60.67
0.049
-59.49
3450
0.432
170.90
3.458
50.87
0.079
-62.36
0.048
-60.99
AM1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com