Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1536 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASX1536
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1536 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASX1536 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1536
11
12
13
14
15
16
17
18
Frequency (GHz)
-25
-20
-15
-10
-5
0
Input Return Loss
Output Return Loss
11
12
13
14
15
16
17
18
Frequency (GHz)
0
4
8
12
16
20
24
28
32
3.3 Plots of Performances
Input / Output Return Loss vs. Frequency
VDD = +7 V, IDD = 1300 mA, Pin = -20 dBm
S-parameter
Small Signal Gain vs. Frequency
VDD = +7 V, IDD = 1300 mA, Pin = -20 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com