Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1536 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASX1536
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1536 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASX1536 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1536
5. Package Outline
*Please note the 1.51 mm of the height of the lead from the bottom of the metal base when it is to be mounted.
(End of Datasheet)
Copyright
2015-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
Units: mm [in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com