Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2043906 Datasheet(PDF) 2 Page - SICK AG

Part # 2043906
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2043906 Datasheet(HTML) 2 Page - SICK AG

  2043906 Datasheet HTML 1Page - SICK AG 2043906 Datasheet HTML 2Page - SICK AG 2043906 Datasheet HTML 3Page - SICK AG 2043906 Datasheet HTML 4Page - SICK AG 2043906 Datasheet HTML 5Page - SICK AG 2043906 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L27S-3D2430, L27E-3P2430 | L27
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Ordering information
System part
Type
Part no.
Sender
L27S-3D2430
2043906
Receiver
L27E-3P2430
2043904
Other models and accessories
www.sick.com/L27
Detailed technical data
Features
Scanning range
0 m ... 25 m
Number of beams
1
Response time
0.68 ms
Response time
0.68 ms + Test device response time
Safety-related parameters
Type
Type 2 (IEC 61496) 1)
Safety integrity level
SIL1 (IEC 61508) 1)
SILCL1 (EN 62061) 1)
Category
Category 2 (EN ISO 13849) 1)
Test rate (external test)
100 /s (EN ISO 13849) 2)
Maximum demand rate
≤ 60 
min⁻¹ (EN ISO 13849) 3)
Performance level
PL c (EN ISO 13849) 1)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.0 x 10-6 (EN ISO 13849) 1)
TM (mission time)
20 years (EN ISO 13849)
1) Only in combination with an appropriate test device, e.g., Flexi Classic or Flexi Soft.
2) The test rate shall not be exceeded.
3) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
Interfaces
Connection type
Male connector M12, 4-pin, straight
Diagnostic display
LED
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com