Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2043906 Datasheet(PDF) 4 Page - SICK AG

Part # 2043906
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2043906 Datasheet(HTML) 4 Page - SICK AG

  2043906 Datasheet HTML 1Page - SICK AG 2043906 Datasheet HTML 2Page - SICK AG 2043906 Datasheet HTML 3Page - SICK AG 2043906 Datasheet HTML 4Page - SICK AG 2043906 Datasheet HTML 5Page - SICK AG 2043906 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L27S-3D2430, L27E-3P2430 | L27
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
ECl@ss 8.1
27272701
ECl@ss 9.0
27272701
ETIM 5.0
EC001831
ETIM 6.0
EC001831
UNSPSC 16.0901
46171620
Dimensional drawing (Dimensions in mm (inch))
24.6 (0.97)
40 (1.57)
50 (1.97)
5.2
(0.20)
54 (2.13)
M12
1
2
3
Connection diagram
3 x L27 with a Flexi Classic UE410-8DI input expansion unit
+24 V
0 V
X4
X1
X3
X8
I2
I1
X2
I5
I7
X7
X5
X6
I8
I6
I4
I3
Input A
Input B
0
1
2
7
8
9
6
5
4
3
0
1
2
7
8
9
6
5
4
3
1
3
1
1
2
UE410-8DI
E117083/00/2014-06-02
L27S
+24 V
0 V
TE
L27E
+24 V
0 V
Q
L27S
+24 V
0 V
TE
L27E
+24 V
0 V
Q
L27S
+24 V
0 V
TE
L27E
+24 V
0 V
Q
Task
Integration of three L2000 (L27) family single-beam photoelectric safety switches in a UE410-8DI input expansion unit.
Function
The sensors switch when the light beam is clear. When sensor 1 and sensor 2 switch, the input condition for input A is met. When
sensor 3 has switched, the input condition for input B is met. If a light beam is interrupted, the related input condition (input A or in-
put B) shuts down the UE410-8DI.
Possible faults
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com