Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3228 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC3228
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3228 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC3228 Datasheet HTML 7Page - E-CMOS Corporation EC3228 Datasheet HTML 8Page - E-CMOS Corporation EC3228 Datasheet HTML 9Page - E-CMOS Corporation EC3228 Datasheet HTML 10Page - E-CMOS Corporation EC3228 Datasheet HTML 11Page - E-CMOS Corporation EC3228 Datasheet HTML 12Page - E-CMOS Corporation EC3228 Datasheet HTML 13Page - E-CMOS Corporation EC3228 Datasheet HTML 14Page - E-CMOS Corporation EC3228 Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Performance PWM Controller
EC3228
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 16
3G15N-Rev.P002
Function Description(Cont.)
switching frequency.
During soft-start stage before the PGOOD pin is ready, the
under-voltage protection is prohibited. The over-voltage and
current-limit protection functions are enabled. If the output capacitor
has residue voltage before start-up, both low-side and high-side
MOSFETs are in off-state until the internal digital soft-start voltage
equals to the VFB voltage. This will ensure that the output voltage starts
from its existing voltage level. In the event of under-voltage,
over-temperature, or shutdown, the chip enables the soft-stop
function. The soft-stop function discharges the output voltage to the
GND. The duration of the discharge time is 8ms.
Power OK Indicator
The EC3228 features an open-drain POK pin to indicate output
regulation status. In normal operation, when the output voltage rises
90% of its target value, the POK goes high after 63us internal delay.
When the output voltage outruns 70% or 125% of the target voltage,
POK signal will be pulled low immediately.
Since the FB pin is used for both feedback and monitoring purposes, the
output voltage deviation can be coupled directly to the FB pin by the
capacitor in parallel with the voltage divider as shown in the typical
applications. In order to prevent false POK from dropping, capacitors
need to parallel at the output to confine the voltage deviation with
severe load step transient.
Under-Voltage Protection (UVP)
In the operational process, if a short-circuit occurs, the output voltage
will drop quickly. When load current is bigger than current-limit
threshold value, the output voltage will fall out of the required
regulation range. The under voltage protection circuit continually
monitors the FB voltage after soft-start is completed. If a load step is
strong enough to pull the output voltage lower than the under voltage
threshold, the under-voltage threshold is 70% of the nominal output
voltage, the internal UVP delay counter starts to count. After 16s
de-bounce time, the device turns off both high-side and low-side
MOSEFET with latched and starts a soft-stop process to shut down the
output gradually. Toggling enable pin to low or recycling VCC, will clear
the latch and bring the chip back to operation.
Over-Voltage Protection (OVP)
The over-voltage function monitors the output voltage by FB pin. When
the FB voltage increases over 125% of the reference voltage due to the
high-side MOSFET failure or for other reasons, the over-voltage
protection comparator designed with a 1.5s noise filter will force the
low side MOSFET gate driver fully turn on and latch high. This action
actively pulls down the output voltage. This OVP scheme only clamps
the voltage overshoot and does not invert the output voltage when
otherwise activated with a continuously high output from low-side
Over-Voltage Protection (OVP) (Cont.)
MOSFET driver. It’s a common problem for OVP schemes with a latch.
Once an over-voltage fault condition is set, it can only be reset by
toggling EN, VCC power-on-reset signal.
Current-Limit
The current-limit circuit employs a “valley” current-sensing algorithm
(See Figure 2). The EC3228 uses the low-side MOSFET’s RDS(ON) of the
synchronous rectifier as a current-sensing element. If the magnitude of
the current-sense signal at PHASE pin is above the current limit
threshold, the PWM is not allowed to initiate a new cycle. The actual
peak current is greater than the current limit threshold by an amount
equals to the inductor ripple current. Therefore, the exact current-limit
characteristic and maximum load capability are the functions of the
sense resistance, inductor value, and input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com