Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3228 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC3228
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3228 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC3228 Datasheet HTML 8Page - E-CMOS Corporation EC3228 Datasheet HTML 9Page - E-CMOS Corporation EC3228 Datasheet HTML 10Page - E-CMOS Corporation EC3228 Datasheet HTML 11Page - E-CMOS Corporation EC3228 Datasheet HTML 12Page - E-CMOS Corporation EC3228 Datasheet HTML 13Page - E-CMOS Corporation EC3228 Datasheet HTML 14Page - E-CMOS Corporation EC3228 Datasheet HTML 15Page - E-CMOS Corporation EC3228 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
High-Performance PWM Controller
EC3228
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 16
3G15N-Rev.P002
Application Information
Output Voltage Setting
The output voltage is adjustable from 0.7V to 5.5V with a
resistor-divider connected with FB, GND, and converter’s output. Using
1% or better resistors for the resistor-divider is recommended. The
output voltage is determined by:
Where 0.7 is the reference voltage, RTOP is the resistor connected from
converter’s output to FB, and RGND is the resistor connected from FB
to GND. Suggested RGND is in the range from 1k to 20k. To prevent
stray pickup, locate resistors RTOP and RGND close to EC3228.
Output Inductor Selection
The duty cycle (D) of a buck converter is the function of the input
voltage and output voltage. Once an output voltage is fixed, it can be
written as:
The inductor value (L) determines the inductor ripple current, IRIPPLE,
and affects the load transient response. Higher inductor value reduces
the inductor’s ripple current and induces lower output ripple voltage.
The ripple current and ripple voltage can be approximated by:
Where FSW is the switching frequency of the regulator. Although the
inductor value and frequency are increased and the ripple current and
voltage are reduced, a tradeoff exists between the inductor’s ripple
current and the regulator load transient response time.
A smaller inductor will give the regulator a faster load transient
response at the expense of higher ripple current. Increasing the
switching frequency (FSW) also reduces the ripple current and voltage,
but it will increase the switching loss of the MOSFETs and the power
dissipation of the converter. The maximum ripple current occurs at the
maximum input voltage. A good starting point is to choose the ripple
current to be approximately 30% of the maximum output current. Once
the inductance value has been chosen, selecting an inductor which is
capable of carrying the required peak current without going into
saturation. In some types of inductors, especially core that is made of
ferrite, the ripple current will increase abruptly when it saturates.
This results in a larger output ripple voltage. Besides, the inductor
needs to have low DCR to reduce the loss of efficiency.
Output Capacitor Selection
Output voltage ripple and the transient voltage deviation are factors
which have to be taken into consideration when selecting an output
capacitor. Higher capacitor value and lower ESR reduce the output
ripple and the load transient drop. Therefore, selecting high
performance low ESR capacitors is recommended for switching
regulator applications. In addition to high frequency noise related to
MOSFET turn-on and turnoff, the output voltage ripple includes the
capacitance voltage drop VCOUT and ESR voltage drop VESR caused
by the AC peak-to-peak inductor’s current. These two voltages can be
represented by:
These two components constitute a large portion of the total output
voltage ripple. In some applications, multiple capacitors have to be
paralleled to achieve the desired ESR value. If the output of the
converter has to support another load with high pulsating current,
more capacitors are needed in order to reduce the equivalent ESR and
suppress the voltage ripple to a tolerable level. A small decoupling
capacitor (1F) in parallel for bypassing the noise is also recommended,
and the voltage rating of the output capacitors are also must be
considered. To support a load transient that is faster than the switching
frequency, more capacitors are needed for reducing the voltage
excursion during load step change. Another aspect of the capacitor
selection is that the total AC current going through the capacitors has to
be less than the rated RMS current specified on the capacitors in order
to prevent the capacitor from over-heating.
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating and the RMS
current rating. For reliable operation, selecting the capacitor voltage
rating to be at least 1.3 times higher than the maximum input voltage.
The maximum RMS current rating requirement is approximately
IOUT/2,where IOUT is the load current. During power-up, the input
capacitors have to handle great amount of surge current. For low-duty
notebook applications, ceramic capacitor is recommended. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com