Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40160B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD40160B
Description  Decade Counter with Asynchronous Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40160B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD40160B Datasheet HTML 1Page - National Semiconductor (TI) CD40160B Datasheet HTML 2Page - National Semiconductor (TI) CD40160B Datasheet HTML 3Page - National Semiconductor (TI) CD40160B Datasheet HTML 4Page - National Semiconductor (TI) CD40160B Datasheet HTML 5Page - National Semiconductor (TI) CD40160B Datasheet HTML 6Page - National Semiconductor (TI) CD40160B Datasheet HTML 7Page - National Semiconductor (TI) CD40160B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD40160BCCD40161BCCD40162BCCD40163BC (Note 2) (Continued)
Limits
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIH
High Level Input
VDDe5V VOe05V or 45V
35
35
35
V
Voltage
VDDe10V VOe1V or 9V
70
70
70
V
VDDe15V VOe15V or 135V
110
110
110
V
IOL
Low Level Output
VDDe5V VOe04V
052
044
088
036
mA
Current (Note 3)
VDDe10V VOe05V
13
11
225
09
mA
VDDe15V VOe15V
36
30
88
24
mA
IOH
High Level Output
VDDe5V VOe46V
b
052
b
044
b
088
b
036
mA
Current (Note 3)
VDDe10V VOe95V
b
13
b
11
b
225
b
09
mA
VDDe15V VOe135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDDe15V VINe0V
b
030
b
10b5
b
030
b
10
m
A
VDDe15V VINe15V
030
10b5
030
10
m
A
AC Electrical Characteristics TA e 25 C CL e 50 pF RL e 200k unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time from
VDD e 5V
250
400
ns
Clock to Q
VDD e 10V
100
160
ns
VDD e 15V
80
130
ns
tPHL or tPLH
Propagation Delay Time from
VDD e 5V
290
450
ns
Clock to Carry Out
VDD e 10V
120
190
ns
VDD e 15V
100
160
ns
tPHL or tPLH
Propagation Delay Time from T
VDD e 5V
180
290
ns
Enable to Carry Out
VDD e 10V
70
130
ns
VDD e 15V
60
110
ns
tPHL
Propagation Time from Clear to Q
VDD e 5V
190
300
ns
(CD40160B CD40161B Only)
VDD e 10V
80
150
ns
VDD e 15V
70
120
ns
tSU
Minimum Time Prior to Clock that
VDD e 5V
120
ns
Data or Load must be Present
VDD e 10V
30
ns
VDD e 15V
25
ns
tSU
Minimum Time Prior to Clock that
VDD e 5V
170
280
ns
Enable P or T must be Present
VDD e 10V
70
120
ns
VDD e 15V
60
100
ns
tSU
Minimum Time Prior to Clock that
VDD e 5V
120
190
ns
Clear must be Present (CD40162B
VDD e 10V
50
80
ns
CD40163B Only)
VDD e 15V
40
70
ns
tWL or tWH
Maximum Clock Pulse Width
VDD e 5V
125
250
ns
VDD e 10V
45
90
ns
VDD e 15V
35
70
ns
tRCL or tFCL
Maximum Clock Rise or Fall Time
VDD e 5V
15
m
s
VDD e 10V
50
m
s
VDD e 15V
50
m
s
fCL
Maximum Clock Frequency
VDD e 5V
2
4
MHz
VDD e 10V
55
11
MHz
VDD e 15V
7
14
MHz
tTHL or tTLH
Transition Time
All Outputs
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
50
75
pF
CPD
Power Dissipation Capacity
(Note 4)
95
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com