Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40160B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD40160B
Description  Decade Counter with Asynchronous Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40160B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CD40160B Datasheet HTML 1Page - National Semiconductor (TI) CD40160B Datasheet HTML 2Page - National Semiconductor (TI) CD40160B Datasheet HTML 3Page - National Semiconductor (TI) CD40160B Datasheet HTML 4Page - National Semiconductor (TI) CD40160B Datasheet HTML 5Page - National Semiconductor (TI) CD40160B Datasheet HTML 6Page - National Semiconductor (TI) CD40160B Datasheet HTML 7Page - National Semiconductor (TI) CD40160B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Logic Waveforms
CD40160B
CD40162B Decade Counters
TLF5986 – 4
CD40161B
CD40163B Binary Counters
TLF5986 – 5
Switching Time Waveforms
TLF5986 – 6
Note 1
All input pulses are from generators having the following characteristics tr e tf e 20 ns PRR s 1 MHz duty cycle s 50% ZOUT
50X
Note 2
All times are measured from 50% to 50%
Cascading Packages
TLF5986 – 7
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com